Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N682386MG Datasheet(PDF) 25 Page - Nuvoton Technology Corporation

Part # N682386MG
Description  Dual Programmable Extended Codec/SLCC SLFC
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N682386MG Datasheet(HTML) 25 Page - Nuvoton Technology Corporation

Back Button N682386MG Datasheet HTML 21Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 22Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 23Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 24Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 25Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 26Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 27Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 28Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 160 page
background image
N682386/87 + N681622
Dual Programmable Extended Codec/SLCC + SLFC
Revision 1.3
Page 25 of 160
Sep 2010
12.1. BORSCHT FUNCTIONALITY
The N682386/87 connects to the TIP and RING (POTS - Plain Old Telephone Service) interface and performs the so-
called BORSCHT and AC transmission functions. Following are the BORSCHT functions:
B
attery Feed
O
ver-Voltage Protection
R
inging (Balanced / Unbalanced)
S
upervision (Signaling)
C
oding
H
ybrid (2 / 4-wire conversion)
T
esting
12.1.1.
BATTERY FEED
The N682386/87, has two DC feed regions; a constant voltage region and a constant current region. As illustrated in
Figure 4 the current limit ILIM determines the constant current region. The ON-HOOK voltage, VOH, determines the
constant voltage region. The device has an inherent output resistance of typically 50Ω in non-ringing states. The
Ground Margin Voltage, VGM, determines the offset of the most positive terminal (TIP in Forward polarity state and
RING in Reverse polarity state) with respect to ground ILIM, VOH, and VGM are programmable as shown in Table 2.
Figure 5: DC Feed Regions
Register
Address
Parameter
Programmable Range
Step Size
Default Value
Unit
LCL
0x45
ILIM
20 – 41
3
20
mA
OHV
0x4C
VOH
0 to –93.5
1.484
-47.488
V
GMV
0x4D
VGM
0 to –93.5
1.484
-2.968
V
Table 3: Programmable Ranges for DC Line Feed
DCFeed
|VTIP-VRING|
(Volt)
ILOOP (mA)
VOH
ILIM
ΔV
ΔI
=50Ω typical
ΔV
ΔI
>10kΩ typical
DCFeed
|VTIP-VRING|
(Volt)
ILOOP (mA)
VOH
ILIM
ΔV
ΔI
=50Ω typical
ΔV
ΔI
>10kΩ typical


Similar Part No. - N682386MG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
More results

Similar Description - N682386MG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N681386 NUVOTON-N681386 Datasheet
1Mb / 164P
   Single Programmable Extended Codec/SLCC
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com