Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N682386MG Datasheet(PDF) 47 Page - Nuvoton Technology Corporation

Part # N682386MG
Description  Dual Programmable Extended Codec/SLCC SLFC
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N682386MG Datasheet(HTML) 47 Page - Nuvoton Technology Corporation

Back Button N682386MG Datasheet HTML 43Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 44Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 45Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 46Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 47Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 48Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 49Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 50Page - Nuvoton Technology Corporation N682386MG Datasheet HTML 51Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 160 page
background image
N682386/87 + N681622
Dual Programmable Extended Codec/SLCC + SLFC
Revision 1.3
Page 47 of 160
Sep 2010
Register
Bit(s)
Address
Parameter
Description / Range
LCT
LCT[5:0]
0x53
Loop Closure Threshold
Current Based: 0-80 mA @ 1.27 mA
Voltage based: 0-93.5V @ 1.484V
LPI
ILPCn[11:0]
0x90
Loop Closure
Current Based: 0-78.74 mA @ 1.25
mA
LCTHY
LCHYEN[6]
0x54
Enable Hysteresis
LCTHY
LCTOFF[5:0]
0x54
Loop Closure Threshold Off-Hook to
ON-HOOK state Enable Hysteresis
When hysteresis enabled only
opposite transition governed by LCT.
Current Based: 0-80 mA @ 1.27 mA
Voltage based: 0-93.5V @ 1.484V
LCDB
LCDI[7:0]
0x47
Loop Closure Detect Debounce
Interval
0 to 159 milliseconds
LCDCL
DCH
LCDC[7:0]
LCDC[11:8]
0x50
0x52
Loop Closure Filter Coefficient
For Digital LPF
INT1
LCCn[1]
0x26
Loop Closure Interrupt Pending
Status
IE1
LCECn[1]
0x27
Loop Closure Interrupt Enable
Enable/Mask
RTLC
LCD[0]
0x46
Loop Closure Detect Status
Status / Enable Voltage-based
Loop Closure
LCMC
LCMCNT[7:0]
0xAB
Loop Closure Detect Mask Counter
0 to 319 ms in 1.25 ms steps
LAMC
LCDACn[0]
0x43
Enable Automatic Transitions
Control
Table 19: Loop Closure Detection Registers
If LAMC:LCDACn[1] address (0x43) is set the channel will automatically transition from the Idle (Forward or Reverse),
ON-HOOK Transmission (Forward or Reverse) as well as TIP Open or RING Open into the Active (Forward or
Reverse) state upon a valid Loop Closure Detect.
Voltage based Loop Closure Detect can also be enabled by setting bit RTLC:VBLCCn[5] address (0x46). In this case
the input signal is the Loop Voltage and the thresholds are interpreted as voltages. All other functionality is the same.


Similar Part No. - N682386MG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
More results

Similar Description - N682386MG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N681386 NUVOTON-N681386 Datasheet
1Mb / 164P
   Single Programmable Extended Codec/SLCC
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com