Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL420-X006 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL420-X006
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL420-X006 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL420-X006 Datasheet HTML 1Page - Vishay Siliconix IL420-X006 Datasheet HTML 2Page - Vishay Siliconix IL420-X006 Datasheet HTML 3Page - Vishay Siliconix IL420-X006 Datasheet HTML 4Page - Vishay Siliconix IL420-X006 Datasheet HTML 5Page - Vishay Siliconix IL420-X006 Datasheet HTML 6Page - Vishay Siliconix IL420-X006 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83629
Rev. 1.4, 26-Apr-04
VISHAY
IL420/ IL4208
Vishay Semiconductors
Switching Characteristics
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
VRM = VDM = VD(RMS)
ton
35
µs
PF = 1.0, IT = 300 mA
toff
50
µs
Fig. 1 Forward Voltage vs. Forward Current
Fig. 2 Peak LED Current vs. Duty Factor, Tau
iil420_01
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55°C
Ta = 25°C
Ta = 85°C
iil420_02
10-6
10-5
10-4
10 -3
10-2
10-1
10 0
101
10
100
1000
10000
t -LED Pulse Duration -s
.005
.05
.02
.01
.1
.2
.5
Duty Factor
t
τ
DF = /t
τ
Fig. 3 Maximum LED Power Dissipation
Fig. 4 Typical Output Characteristics
iil420_03
100
80
60
40
20
0
-20
-40
-60
0
50
100
150
Ta - Ambient Temperature - °C
iil420_04
IT = f(VT),
parameter: Tj


Similar Part No. - IL420-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420-X006 VISHAY-IL420-X006 Datasheet
164Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 18-Jan-08
IL420-X006 VISHAY-IL420-X006 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
IL420-X006 VISHAY-IL420-X006 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
IL420-X006 VISHAY-IL420-X006 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL420-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com