Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IL420 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. IL420
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL420 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL420 Datasheet HTML 1Page - Vishay Siliconix IL420 Datasheet HTML 2Page - Vishay Siliconix IL420 Datasheet HTML 3Page - Vishay Siliconix IL420 Datasheet HTML 4Page - Vishay Siliconix IL420 Datasheet HTML 5Page - Vishay Siliconix IL420 Datasheet HTML 6Page - Vishay Siliconix IL420 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number 83629
Rev. 1.4, 26-Apr-04
VISHAY
IL420/ IL4208
Vishay Semiconductors
Package Dimensions in Inches (mm)
i178014
.008 (.20)
.012 (.30)
.130 (3.30)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.033 (0.84) typ.
.300 (7.62)
typ.
.033 (0.84) typ.
.100 (2.54) typ
.039
(1.00)
Min.
.018 (0.46)
.020 (0.51)
.048 (1.22)
.052 (1.32)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
18°
3°–9°
.300–.347
(7.62–8.81)
typ .
ISO Method A
min.
.315 (8.00)
.020 (.51)
.040 (1.02)
.300 (7.62)
ref.
.375 (9.53)
.395 (10.03)
.012 (.30) typ.
.0040 (.102)
.0098 (.249)
15° max.
Option 9
.014 (0.35)
.010 (0.25)
.400 (10.16)
.430 (10.92)
.307 (7.8)
.291 (7.4)
.407 (10.36)
.391 (9.96)
Option 6
.315 (8.0)
MIN.
.300 (7.62)
TYP.
.180 (4.6)
.160 (4.1)
.331 (8.4)
MIN.
.406 (10.3)
MAX.
.028 (0.7)
MIN.
Option 7
18450


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn