Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SI-1H Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2305SI-1H
Description  LOW-COST 3.3V ZERO DELAY BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SI-1H Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2305SI-1H Datasheet HTML 4Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 5Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 6Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 7Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 8Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 9Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 10Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 11Page - Cypress Semiconductor CY2305SI-1H Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *C
Page 8 of 13
Typical Duty Cycle[8] and IDD Trends
[9] for CY2305-1 and CY2309-1
Notes:
8.
Duty Cycle is taken from typical chip measured at 1.4V.
9.
IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the unloaded current. (n = # of outputs; C = Capacitance load per output (F); V = Supply
Voltage (V); f = frequency (Hz)).
Duty Cycle Vs VDD
(for 30 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
Duty Cycle Vs VDD
(for 15 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
133 MHz
Duty Cycle Vs Frequency
(for 30 pF Loads over Temperature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Frequency (MHz)
-40C
0C
25C
70C
85C
Duty Cycle Vs Frequency
(for 15 pF Loads over Temperature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Fre quency (MHz)
-40C
0C
25C
70C
85C
IDD vs Number of Loaded Outputs
(for 30 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
01
23
4
5
6
7
8
9
# of Loaded Outputs
33 MHz
66 MHz
100 MHz
IDD vs Number of Loaded Outputs
(for 15 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
0
1234
5678
9
# of Loaded Outputs
33 MHz
66 MHz
100 MHz


Similar Part No. - CY2305SI-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
CY2305SI-1HT CYPRESS-CY2305SI-1HT Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2305SI-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com