Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SI-1 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2305SI-1
Description  LOW-COST 3.3V ZERO DELAY BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SI-1 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2305SI-1 Datasheet HTML 1Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 2Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 3Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 4Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 5Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 6Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 7Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 8Page - Cypress Semiconductor CY2305SI-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *C
Page 2 of 13
Notes:
1.
Weak pull-down.
2.
Weak pull-down on all outputs.
3.
Weak pull-ups on these inputs.
4.
This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and output.
Pin Description for CY2309
Pin
Signal
Description
1REF[1]
Input reference frequency, 5V-tolerant input
2
CLKA1[2]
Buffered clock output, Bank A
3
CLKA2[2]
Buffered clock output, Bank A
4VDD
3.3V supply
5
GND
Ground
6
CLKB1[2]
Buffered clock output, Bank B
7
CLKB2[2]
Buffered clock output, Bank B
8S2[3]
Select input, bit 2
9S1[3]
Select input, bit 1
10
CLKB3[2]
Buffered clock output, Bank B
11
CLKB4[2]
Buffered clock output, Bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3[2]
Buffered clock output, Bank A
15
CLKA4[2]
Buffered clock output, Bank A
16
CLKOUT[2]
Buffered output, internal feedback on this pin
Pin Description for CY2305
Pin
Signal
Description
1REF[1]
Input reference frequency, 5V-tolerant input
2CLK2[2]
Buffered clock output
3CLK1[2]
Buffered clock output
4
GND
Ground
5CLK3[2]
Buffered clock output
6VDD
3.3V supply
7CLK4[2]
Buffered clock output
8
CLKOUT[2]
Buffered clock output, internal feedback on this pin
Select Input Decoding for CY2309
S2
S1
CLOCK A1–A4
CLOCK B1–B4
CLKOUT[4]
Output Source
PLL Shutdown
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N


Similar Part No. - CY2305SI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SI-1 CYPRESS-CY2305SI-1 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SI-1 CYPRESS-CY2305SI-1 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SI-1 CYPRESS-CY2305SI-1 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SI-1H CYPRESS-CY2305SI-1H Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2305SI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com