Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10H100CT Datasheet(PDF) 4 Page - Shenzhen SI Semiconductors Co.,LTD.

Part # MBR10H100CT
Description  Power Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Direct Link  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.

MBR10H100CT Datasheet(HTML) 4 Page - Shenzhen SI Semiconductors Co.,LTD.

  MBR10H100CT Datasheet HTML 1Page - Shenzhen SI Semiconductors Co.,LTD. MBR10H100CT Datasheet HTML 2Page - Shenzhen SI Semiconductors Co.,LTD. MBR10H100CT Datasheet HTML 3Page - Shenzhen SI Semiconductors Co.,LTD. MBR10H100CT Datasheet HTML 4Page - Shenzhen SI Semiconductors Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen
Shenzhen
Shenzhen
Shenzhen SI
SI
SI
SI Semiconductors
Semiconductors
Semiconductors
Semiconductors Co.,
Co.,
Co.,
Co., LTD.
LTD.
LTD.
LTD.
Product
Product
Product
Product Specification
Specification
Specification
Specification
Si
Si
Si
Si semiconductors
semiconductors
semiconductors
semiconductors
201
201
201
2013.1
3.1
3.1
3.1
4
4
4
4
TO-220FP
TO-220FP
TO-220FP
TO-220FP 封装机械尺寸
TO-220FP
TO-220FP
TO-220FP
TO-220FP MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
单位::::毫米////UNIT
UNIT
UNIT
UNIT:mm
mm
mm
mm
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最小值
min
min
min
min
典型值
nom
nom
nom
nom
最大值
max
max
max
max
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最小值
min
min
min
min
典型值
nom
nom
nom
nom
最大值
max
max
max
max
A
4.
4.
4.
4.4
4
4
40
0
0
0
4.
4.
4.
4.9
9
9
95
5
5
5
e
2.54
A1
2.30
2.90
L
12.50
14.30
b
0.45
0.90
L1
9.10
10.05
b1
1.10
1.70
L2
15.00
16.00
c
0.35
0.90
L3
3.00
4.00
D
14.50
17.00
øp
3.00
3.50
D1
6.10
9.00
Q
2.30
2.80
E
9.60
10.30


Similar Part No. - MBR10H100CT

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
MBR10H100CT VAISH-MBR10H100CT Datasheet
83Kb / 3P
   MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
logo
Kersemi Electronic Co.,...
MBR10H100CT KERSEMI-MBR10H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Vishay Siliconix
MBR10H100CT VISHAY-MBR10H100CT Datasheet
78Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Apr-03
MBR10H100CT VISHAY-MBR10H100CT Datasheet
154Kb / 6P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 27-Jun-12
logo
ON Semiconductor
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
More results

Similar Description - MBR10H100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com