Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29PDL310G83WHIN Datasheet(PDF) 3 Page - SPANSION

Part # AM29PDL310G83WHIN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL310G83WHIN Datasheet(HTML) 3 Page - SPANSION

  AM29PDL310G83WHIN Datasheet HTML 1Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 2Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 3Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 4Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 5Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 6Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 7Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 8Page - SPANSION AM29PDL310G83WHIN Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
2
Am29PDL640G
February 26, 2003
P R E L I M INARY
GENERAL DESCRIPTION
The Am29PDL640G is a 64 Mbit, 3.0 volt-only Page Mode
and Simultaneous Read/Write Flash memory device orga-
nized as 4 Mwords. The device is offered in 63- or 80-ball
Fine-pitch BGA packages. The word-wide data (x16) ap-
pears on DQ15-DQ0. This device can be programmed
in-system or in standard EPROM programmers. A 12.0 V
V
PP is not required for write or erase operations.
The device offers fast page access times of 25, 30, and 45
ns, with corresponding random access times of 65, 70, 85,
and 90 ns, respectively, allowing high speed microproces-
sors to operate without wait states. To eliminate bus conten-
tion the device has separate chip enable (CE#), write enable
(WE#) and output enable (OE#) controls.
Simultaneous Read/Write Operation with
Zero Latency
The Simultaneous Read/Write architecture provides simul-
taneous operation by dividing the memory space into 4
banks, which can be considered to be four separate memory
arrays as far as certain operations are concerned. The de-
vice can improve overall system performance by allowing a
host system to program or erase in one bank, then immedi-
ately and simultaneously read from another bank with zero
latency (with two simultaneous operations operating at any
one time). This releases the system from waiting for the
completion of a program or erase operation, greatly improv-
ing system performance.
The device can be organized in both top and bottom sector
configurations. The banks are organized as follows:
Page Mode Features
The device is AC timing, input/output, and package compat-
ible with 4 Mbit x16 page mode mask ROM. The page size
is 8 words.
After initial page access is accomplished, the page mode op-
eration provides fast read access speed of random locations
within that page.
Standard Flash Memory Features
The device requires a single 3.0 volt power supply (2.7 V
to 3.1 V) for both read and write functions. Internally gener-
ated and regulated voltages are provided for the program
and erase operations.
The device is entirely command set compatible with the
JEDEC 42.4 single-power-supply Flash standard. Com-
mands are written to the command register using standard
microprocessor write timing. Register contents serve as in-
puts to an internal state-machine that controls the erase and
programming circuitry. Write cycles also internally latch ad-
dresses and data needed for the programming and erase
operations. Reading data out of the device is similar to read-
ing from other Flash or EPROM devices.
Device programming occurs by executing the program com-
mand sequence. The Unlock Bypass mode facilitates faster
programming times by requiring only two write cycles to pro-
gram data instead of four. Device erasure occurs by execut-
ing the erase command sequence.
The host system can detect whether a program or erase op-
eration is complete by reading the DQ7 (Data# Polling) and
DQ6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data con-
tents of other sectors. The device is fully erased when
shipped from the factory.
Hardware data protection measures include a low V
CC de-
tector that automatically inhibits write operations during
power transitions. The hardware sector protection feature
disables both program and erase operations in any combi-
nation of sectors of memory. This can be achieved in-system
or via programming equipment.
The Erase Suspend/Erase Resume feature enables the
user to put erase on hold for any period of time to read data
from, or program data to, any sector that is not selected for
erasure. True background erase can thus be achieved. If a
read is needed from the SecSi Sector area (One Time Pro-
gram area) after an erase suspend, then the user must use
the proper command sequence to enter and exit this region.
The device offers two power-saving features. When ad-
dresses have been stable for a specified amount of time, the
device enters the automatic sleep mode. The system can
also place the device into the standby mode. Power con-
sumption is greatly reduced in both these modes.
AMD’s Flash technology combined years of Flash memory
manufacturing experience to produce the highest levels of
quality, reliability and cost effectiveness. The device electri-
cally erases all bits within a sector simultaneously via
Fowler-Nordheim tunneling. The data is programmed using
hot electron injection.
Bank
Sectors
A
8 Mbit (4 Kw x 8 and 32 Kw x 15)
B
24 Mbit (32 Kw x 48)
C
24 Mbit (32 Kw x 48)
D
8 Mbit (4 Kw x 8 and 32 Kw x 15)


Similar Part No. - AM29PDL310G83WHIN

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDL127H53 SPANSION-AM29PDL127H53 Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H53VKI SPANSION-AM29PDL127H53VKI Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL127H53VKI AMD-AM29PDL127H53VKI Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
More results

Similar Description - AM29PDL310G83WHIN

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL-J SPANSION-S29PL-J Datasheet
1Mb / 96P
   CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL128G SPANSION-AM29PDL128G Datasheet
1Mb / 69P
   128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com