Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NB0AN Datasheet(PDF) 26 Page - Nuvoton Technology Corporation

Part # NANO908-NB0AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NB0AN Datasheet(HTML) 26 Page - Nuvoton Technology Corporation

Back Button NANO908-NB0AN Datasheet HTML 22Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 23Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 24Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 25Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 26Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 27Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 28Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 29Page - Nuvoton Technology Corporation NANO908-NB0AN Datasheet HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 26 of 160
Revision 1.08
Six internal channels from DAC0, DAC1, internal reference voltage (Int_VREF),
Temperature sensor, AVDD, and AVSS.
Supports three reference voltage sources from VREF pin, internal reference
voltage (Int_VREF), and AVDD
Supports single scan, single cycle scan, and continuous scan modes
Each channel with individual result register
Only scan on enabled channels
Threshold voltage detection (comparator function)
Conversion start by software programming or external input
Supports PDMA mode
Supports up to four timer time-out events (TMR0, TMR1, TMR2 and TMR3) to
enable ADC
DAC
12-bit monotonic output with 400K conversion rate
Supports three reference voltage sources from VREF pin, internal reference
voltage (Int_VREF), and AVDD.
Synchronized update capability for two DACs (group function)
Supports up to four timer time-out event (TMR0, TMR1, TMR2 and TMR3),
software or PDMA to trigger DAC to conversion
SmartCard (SC)
Compliant to ISO-7816-3 T=0, T=1
Supports up to three ISO-7816-3 ports
Separates receive / transmit 4 bytes entry FIFO for data payloads
Programmable transmission clock frequency
Programmable receiver buffer trigger level
Programmable guard time selection (11 ETU ~ 266 ETU)
A 24-bit and two 8-bit time-out counter for Answer to Reset (ATR) and waiting
times processing
Supports auto inverse convention function
Supports stop clock level and clock stop (clock keep) function
Supports transmitter and receiver error retry and error limit function
Supports hardware activation sequence process
Supports hardware warm reset sequence process
Supports hardware deactivation sequence process
Supports hardware auto deactivation sequence when detect the card is removal
Supports UART mode (Half Duplex)
USB 2.0 Full-Speed Device
One set of USB 2.0 FS Device 12 Mbps
On-chip USB Transceiver


Similar Part No. - NANO908-NB0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NB0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com