Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUF7216 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BUF7216
Description  Silicon NPN High Voltage Switching Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BUF7216 Datasheet(HTML) 3 Page - Vishay Siliconix

  BUF7216 Datasheet HTML 1Page - Vishay Siliconix BUF7216 Datasheet HTML 2Page - Vishay Siliconix BUF7216 Datasheet HTML 3Page - Vishay Siliconix BUF7216 Datasheet HTML 4Page - Vishay Siliconix BUF7216 Datasheet HTML 5Page - Vishay Siliconix BUF7216 Datasheet HTML 6Page - Vishay Siliconix BUF7216 Datasheet HTML 7Page - Vishay Siliconix BUF7216 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUF7216
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 1, 20–Jan–99
3 (8)
Document Number 86520
Switching Characteristics
Tcase = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Resistive load (figure 2)
Fall time
IC = 0.4 A; IB1 = 50 mA;
–IB2 = 0.4 mA; VS = 250 V
tf
0.65
0.95
ms
Turn on time
IC = 0.35 A; IB1 = 85 mA;
ton
0.25
0.5
ms
Storage time
C
B1
–IB2 = 175 mA; VS = 250 V
ts
3.5
4.5
ms
Fall time
tf
0.25
0.35
ms
Turn on time
IC = 1 A; IB1 = 0.2 A;
ton
0.4
0.7
ms
Storage time
C
B1
–IB2 = 0.5 A; VS = 250 V
ts
3
4
ms
Fall time
tf
0.2
0.3
ms
Inductive load (figure 3)
Storage time
IC = 0.35 A; IB1 = 85 mA;
I
175 mA; V
300 V;
ts
3.2
4.5
ms
Fall time
–IB2 = 175 mA; Vclamp = 300 V;
L = 200
mH; –VBE = 5 V
tf
0.2
0.25
ms
Storage time
IC = 1 A; IB1 = 0.2 A;
I
0 5 A; V
300 V;
ts
3
3.5
ms
Fall time
–IB2 = 0.5 A; Vclamp = 300 V;
L = 200
mH; –VBE = 5 V
tf
0.1
0.15
ms
+
3 Pulses
94 8863
tp
T +
0.1
tp
+ 10 ms
V
S2
+ 10 V
I
B
w
I
C
5
IC
LC
V
S1
+
V(BR)CEO
I(BR)R
100 m
W
IC
VCE
V(BR)CEO
Imeasure
0to30V
Figure 1. Test circuit for V(BR)CE0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn