Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB731 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. BB731
Description  Silicon epitaxial planar capacitance diodes with very wide effective capacitance variation for tuning the VHF range 41 ... 170 MHz in hyperband televi
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BB731 Datasheet(HTML) 2 Page - Vishay Siliconix

  BB731 Datasheet HTML 1Page - Vishay Siliconix BB731 Datasheet HTML 2Page - Vishay Siliconix BB731 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BB731 and BB731S
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88157
2
15-May-02
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
32
––
V
at IR = 100
µA
Leakage Current
IR
––
30
nA
at VR = 30V
Capacitance f = 1MHZ
at VR = 28V
3.15
3.55
at VR = 25V
Ctot
3.5
pF
at VR = 1V
50
Effective Capacitance Ratio f = 1MHZ
at VR = 1 to 28V
Ctot (1V)
19.5
25
Ctot (28V)
at VR = 3 to 25V
Ctot (3V)
14
––
Ctot (25V)
Series Resistance
rs
0.9
1.0
at f = 300 MHZ, Ctot = 25 pF
Series Inductance
Ls
2.5
nH
For any two of six consecutive diodes in the carrier tape, the maximum capacitance deviation in the reverse bias voltage of
VR = 0.5 to 28V is 3%


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BF994S Silicon N Channel MOSFET Tetrode For VHF applications especially for input and mixer stages with a wide tuning range e.g. in CATV tuners 1  2  3  4  5  More Siemens Semiconductor Group
KDV275E VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND 1  2  KEC(Korea Electronics)
BAT68-07W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  4  5  Siemens Semiconductor Group
BAT68W Silicon Schottky Diodes For mixer applications in the VHF/UHF range For high speed switching 1  2  3  4  Siemens Semiconductor Group
BB669 Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance 1  2  3  Siemens Semiconductor Group
KDV257E VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND 1  2  KEC(Korea Electronics)
BB689 Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance 1  2  3  Siemens Semiconductor Group
KDV258 VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND 1  2  KEC(Korea Electronics)
BAT17W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  Siemens Semiconductor Group
KDV153 VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE TV VHF UHF TUNER AFC VCO FOR UHF BAND RADIO 1  KEC(Korea Electronics)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn