Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116PY Datasheet(PDF) 18 Page - Nuvoton Technology Corporation

Part # ISD5116PY
Description  SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116PY Datasheet(HTML) 18 Page - Nuvoton Technology Corporation

Back Button ISD5116PY Datasheet HTML 14Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 15Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 16Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 17Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 18Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 19Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 20Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 21Page - Nuvoton Technology Corporation ISD5116PY Datasheet HTML 22Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 18 -
Revision 1.42
OPCODE COMMAND BYTE TABLE
Pwr
Function Bits
Register Bits
OPCODE
HEX
PU
DAB
FN2
FN1
FN0
RG2
RG1
RG0
COMMAND BIT NUMBER
CMD
C7
C6
C5
C4
C3
C2
C1
C0
POWER UP
80
1
0
0
0
0
0
0
0
POWER DOWN
00
0
0
0
0
0
0
0
0
STOP (DO NOTHING) STAY ON
80
1
0
0
0
0
0
0
0
STOP (DO NOTHING) STAY OFF
00
0
0
0
0
0
0
0
0
LOAD CFG0
82
1
0
0
0
0
0
1
0
LOAD CFG1
83
1
0
0
0
0
0
1
1
RECORD ANALOG
90
1
0
0
1
0
0
0
0
RECORD ANALOG @ ADDR
91
1
0
0
1
0
0
0
1
PLAY ANALOG
A8
1
0
1
0
1
0
0
0
PLAY ANALOG @ ADDR
A9
1
0
1
0
1
0
0
1
MSG CUE ANALOG
B8
1
0
1
1
1
0
0
0
MSG CUE ANALOG @ ADDR
B9
1
0
1
1
1
0
0
1
ENTER DIGITAL MODE
C0
1
1
0
0
0
0
0
0
EXIT DIGITAL MODE
40
0
1
0
0
0
0
0
0
DIGITAL ERASE PAGE
D0
1
1
0
1
0
0
0
0
DIGITAL ERASE PAGE @ ADDR
D1
1
1
0
1
0
0
0
1
DIGITAL WRITE
C8
1
1
0
0
1
0
0
0
DIGITAL WRITE @ ADDR
C9
1
1
0
0
1
0
0
1
DIGITAL READ
E0
1
1
1
0
0
0
0
0
DIGITAL READ @ ADDR
E1
1
1
1
0
0
0
0
1
READ STATUS
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1. See section 7.2 on page 12 for details.


Similar Part No. - ISD5116PY

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116PY NUVOTON-ISD5116PY Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116PY

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com