Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD4004 Datasheet(PDF) 25 Page - Nuvoton Technology Corporation

Part No. ISD4004
Description  SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD4004 Datasheet(HTML) 25 Page - Nuvoton Technology Corporation

Back Button ISD4004 Datasheet HTML 21Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 22Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 23Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 24Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 25Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 26Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 27Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 28Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ISD4004 SERIES
Publication Release Date: March 2017
- 25 -
Revision 1.32
9.2. PARAMETERS FOR DIE
TABLE 11: DC PARAMETERS
PARAMETERS
[6]
SYMBOLS
MIN
[2]
TYP
[1]
MAX
[2]
UNITS
CONDITIONS
Input Low Voltage
VIL
VCC x 0.2
V
Input High Voltage
VIH
VCC x 0.8
V
Output Low Voltage
VOL
0.4
V
IOL = 10 µA
RAC, INT Output Low
Voltage
VOL1
0.4
V
IOL = 1 mA
Output High Voltage
VOH
VCC - 0.4
V
IOH = -10 µA
Operating Current
-Playback
-Record
ICC
15
25
30
40
mA
mA
REXT = ∞
[3]
REXT = ∞
[3]
Standby Current
ISB
1
10
µA
[3] [4]
Total Harmonic Distortion
THD
1
2
%
32 mVpp 1 KHz
sinewave input
[5]
ANA IN+ or ANA IN- to AUD
OUT Gain
AARP
23
dB
32 mVpp 1 KHz
sinewave input
[5]
Notes:
[1]
Typical values @ TA = 25°C and VCC = 3.0V. Sampling Frequency can vary as much as 2.25 percent
over the commercial temperature and voltage ranges.
[2]
All Min/Max limits are guaranteed by Nuvoton via electrical testing or characterization. Not all
specifications are 100 percent tested.
[3]
VCCA and VCCD connected together.
[4]
SS = VCCA = VCCD, XCLK = MOSI = VSSA = VSSA and all other pins floating.
[5]
Measured with AutoMute feature disabled.
[6]
The test coverage for die is limited to room temperature testing. The test conditions may differ from that
of packaged parts.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn