Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD4004 Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part No. ISD4004
Description  SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD4004 Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button ISD4004 Datasheet HTML 4Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 5Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 6Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 7Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 8Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 9Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 10Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 11Page - Nuvoton Technology Corporation ISD4004 Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ISD4004 SERIES
Publication Release Date: March 2017
- 8 -
Revision 1.32
PIN NAME
FUNCTION
SOIC /
PDIP
AM CAP
14
AutoMute™ Feature: The AutoMute feature only applies
for playback operation and helps to minimize noise (with 6
dB of attenuation) when there is no signal (i.e. during
periods of silence). A 1 µF capacitor to ground is
recommended to connect to the AM CAP pin.
This capacitor becomes a part of an internal peak detector
which senses the signal amplitude. This peak level is
compared to an internally set threshold to determine the
AutoMute trip point. For large signals, the AutoMute
attenuation is set to 0 dB automatically but 6 dB of
attenuation occurs for silence. The 1 µF capacitor also
affects the rate at which the AutoMute feature changes with
the signal amplitude (or the attack time).
The AutoMute feature can be disabled by connecting the
AM CAP pin directly to VCCA..
ANA IN-
16
Inverting Analog Input: This pin transfers the signal into
the device during recording via differential-input mode.
In this differential-input mode, a 16 mVp-p maximum input
signal should be capacitively coupled to ANA IN- for optimal
signal quality, as shown in Figure 1: ANA IN Modes. This
capacitor value should be equal to that used on ANA IN+
pin. The input impedance at ANA IN- is normally 56 K
Ω.
In the single-ended mode, ANA IN- should be capacitively
coupled to VSSA through a capacitor equal to that used on
the ANA IN+ pin.
ANA IN+
17
Non-Inverting Analog Input: This pin is the non-inverting
analog input that transfers the signal to the device for
recording. The analog input amplifier can be driven single
ended or differentially.
In the single-ended input mode, a 32 mVp-p (peak-to-peak)
maximum signal should be capacitively connected to this
pin for optimal signal quality. The external capacitor
associated with ANA IN+ together with the 3 K
Ω input
impedance are selected to give cutoff at the low frequency
end of the voice passband.
In the differential-input mode, the maximum input signal at
ANA IN+ should be 16 mVp-p capacitively coupled for
optimal signal quality. The circuit connections for the two
modes are shown in Figure 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn