Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD4003 Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # ISD4003
Description  SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD4003 Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button ISD4003 Datasheet HTML 6Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 7Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 8Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 9Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 10Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 11Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 12Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 13Page - Nuvoton Technology Corporation ISD4003 Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ISD4003 SERIES
Publication Release Date: March 3, 2017
- 10 -
Revision 1.32
PIN NAME
FUNCTION
SOIC /
PDIP
XCLK
26
External Clock Input: The ISD4003 series is configured at
the factory with an internal sampling clock frequency
centered to
1 percent of specification. The frequency is
then maintained to a variation of
2.25 percent over the
entire commercial temperature and operating voltage
ranges. The internal clock has a
–6/+4 percent tolerance
over the industrial temperature and voltage ranges. A
regulated power supply is recommended for industrial
temperature range parts. If greater precision is required, the
device can be clocked through the XCLK pin as follows:
Part Number
Sample Rate
Required Clock
ISD4003-04M
8.0 kHz
1024 kHz
ISD4003-05M
6.4 kHz
819.2 kHz
ISD4003-06M
5.3 kHz
682.7 kHz
ISD4003-08M
4.0 kHz
512 kHz
These recommended clock rates should not be varied
because the anti-aliasing and smoothing filters are fixed.
Otherwise, aliasing problems can occur if the sample rate
differs from the one recommended. The duty cycle on the
input clock is not critical, as the clock is immediately divided
by two. If the XCLK is not used, this input must be
connected to ground.
SCLK
28
Serial Clock: This is the input clock to the ISD4003 device.
It
is
generated
by
the
master
device
(typically
microcontoller) and is used to synchronize the data transfer
in and out of the device through the MOSI and MISO lines,
respectively. Data is latched into the ISD4003 on the rising
edge of SCLK and shifted out of the device on the falling
edge of SCLK.


Similar Part No. - ISD4003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD4003 ETC1-ISD4003 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003-04M ETC-ISD4003-04M Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD4003-04M ETC1-ISD4003-04M Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003-04ME ETC-ISD4003-04ME Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
More results

Similar Description - ISD4003

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
Winbond
ISD2532 WINBOND-ISD2532 Datasheet
1Mb / 42P
   SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com