Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP175G Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
9 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
3
Pin description
Table 1 Pin description
Type
Description
Type
Description
I
Input pin
IPL
Input pin with internal pull low 100K ohm
O
Output pin
IPH
Input pin with internal pull high 200K ohm
P
Power or Ground
3.1 Analog pins
Pin No.
Label
Type
Description
LDO Regulator
41
VREG_LDO
P
LDO regulator output
It is an output power pin for 1.1V power source.
42
PVDD_LDO
P
LDO regulator input
It is an input power pin for reference voltage.
IP176G includes a LDO regulator to convert 3.3V to 1.1V.
3.2 MDI (Media Dependent Interface)
Pin No.
Label
Type
Description
Transceiver
44, 45,
3, 4,
8, 9,
14, 15,
22, 21
RXIP0, RXIM0,
RXIP1, RXIM1,
RXIP2, RXIM2,
RXIP3, RXIM3,
RXIP4, RXIM4
I
TP receive
46, 47,
2, 1,
10, 11,
16, 17,
20, 19
TXOP0, TXOM0,
TXOP1, TXOM1,
TXOP2, TXOM2,
TXOP3, TXOM3,
TXOP4, TXOM4
O
TP transmit
25
FXSD4
GND
I
P
Fiber signal detection of port 4 (IP175GH)
Port 4 can be configured to be either a TP port or a Fiber port
with this pin. Connect this pin to GND for TP mode, and do not
left this pin floating. Please refer to the paragraph “I/O Electrical
Characteristics” for more detail information.
It is GND pin (IP175G.)
5
BGRES
O
Band gap resistor.
It is connected GND through a precision resistor (R=6.19K, 1%)
for band gap reference. Please refer to application circuit for
more information.


Similar Part No. - IP175G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R01 ETC2-IP175ALF-DS-R01 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R02 ETC2-IP175ALF-DS-R02 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R03 ETC2-IP175ALF-DS-R03 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R04 ETC2-IP175ALF-DS-R04 Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP175G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
   5 Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
   8 Port 10/100 Ethernet Integrated Switch
IP178A ETC1-IP178A Datasheet
1Mb / 44P
   8-Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
   8 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
   8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
   Hardened 5 Port Ethernet Switch 10/100
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
   Integrated 5-Port 10/100 QoS Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com