Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB1206N-6FWL-217 Datasheet(PDF) 1 Page - ILLUMINANT CO., LTD

Part # IB1206N-6FWL-217
Description  Display Format: 128X64
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLUMINANT [ILLUMINANT CO., LTD]
Direct Link  http://www.illumin.com.tw
Logo ILLUMINANT - ILLUMINANT CO., LTD

IB1206N-6FWL-217 Datasheet(HTML) 1 Page - ILLUMINANT CO., LTD

  IB1206N-6FWL-217 Datasheet HTML 1Page - ILLUMINANT CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IB1206N-6FWL-217
PAGE:1 / 1
General Specification
l
Display Format: 128X64
l
For 5X8 dot character Size
l
LCM View Area:
72(W)×
40(H)mm
l
General Dimensions:
87(W) ×70 (H) × 11.9
(D)mm
l
* LCD Type: FSTN
Polarizer Mode: Transmissive /Negative
l
Connection: COB
l
Driving Method: 1/64Duty, 1/9Bias, VOP 8.5V,
VDD 5.0V ,VEE - 5.0V
l
View Angle: 6 O
clock
l
Operating Temp: -20 To 70ºC
Storage Temp: -30 To 80ºC
l
Driver IC :
SBN6400G-D, SBN0064G,
NJU7660M.
l
LED Backlight :5V
/ Side Color White
Dimension
Pin Description
NO SYMBOL I/O
FUNCTION
NO SYMBOL I/O
FUNCTION
1
VSS
P
GND (0V)
11
DB4
I/O Data Bit 4
2
VDD
P
DC +5.0V
12
DB5
I/O Data Bit 5
3
VO
P
Contrast Adjust( ~ - 5.0V)
13
DB6
I/O Data Bit 6
4
D/I
I
Data / Instruction
14
DB7
I/O Data Bit 7
5
E/RD
I
Enable signal
15
CS1
I
Chip 1 enable
6
R/W
I
Read/Write
16
SC2
I
Chip 2 enable
7
DB0
I/O Data Bit 0
17
/RST
I
Reset signal
8
DB1
I/O Data Bit 1
18
VEE
P
Negative voltage output (-5V)
9
DB2
I/O Data Bit 2
19
A (+)
P
LED backlight +
10
DB3
I/O Data Bit 3
20
K (-)
P
LED backlight -


Similar Part No. - IB1206N-6FWL-217

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB1203S ETC-IB1203S Datasheet
370Kb / 2P
   DC/DC Converters
logo
XP Power Limited
IB1203S XPPOWER-IB1203S Datasheet
53Kb / 1P
   DC-DC Power Supplies
logo
MORNSUN Science& Techno...
IB1205(X)T-W75 MORNSUN-IB1205(X)T-W75 Datasheet
181Kb / 3P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
IB1205D-2W REICU-IB1205D-2W Datasheet
2Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
IB1205LD-1W MORNSUN-IB1205LD-1W Datasheet
507Kb / 4P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - IB1206N-6FWL-217

ManufacturerPart #DatasheetDescription
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
List of Unclassifed Man...
HDR12864 ETC-HDR12864 Datasheet
81Kb / 9P
   128x64 GRAPHICS OLED DISPLAY MODULE
logo
ILLUMINANT CO., LTD
IG0903N-6FBL-186 ILLUMINANT-IG0903N-6FBL-186 Datasheet
39Kb / 1P
   Display Format:96X32 dots
IG1406N-6FWL-202 ILLUMINANT-IG1406N-6FWL-202 Datasheet
46Kb / 1P
   Display Format:144X64 dots
IG2416T-6FBE-188 ILLUMINANT-IG2416T-6FBE-188 Datasheet
95Kb / 1P
   Display Format:240X160 dots
IG1406N-6BWL-202A ILLUMINANT-IG1406N-6BWL-202A Datasheet
49Kb / 1P
   Display Format:144X64 dots
logo
Bolymin, Inc
BL12864G BOLYMIN-BL12864G Datasheet
289Kb / 1P
   OLED display 128x64 dots built-in Controller SSD1303
logo
Hantronix,Inc
HDG12864L-7-XA0S HANTRONIX-HDG12864L-7-XA0S Datasheet
209Kb / 16P
   128x64 GRAPHICS Chip-On-Glass LCD DISPLAY MODULE
logo
NEC
P703 NEC-P703 Datasheet
818Kb / 2P
   NEC LCD 70 Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
   NEC LCD 40 Large Format Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com