Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8100BL Datasheet(PDF) 6 Page - Realtek Semiconductor Corp.

Part # RTL8100BL
Description  SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8100BL Datasheet(HTML) 6 Page - Realtek Semiconductor Corp.

Back Button RTL8100BL Datasheet HTML 2Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 3Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 10Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
RTL8100B(L)
Datasheet
Single-Chip 10/100 Ethernet Controller w/Power Management
1
Track ID: JATR-1076-21 Rev. 1.5
1.
General Description
The Realtek RTL8100B(L) is a highly integrated and cost-effective single-chip Fast Ethernet controller
that provides 32-bit performance, PCI bus master capability, and full compliance with IEEE 802.3u
100Base-T specifications and IEEE 802.3x Full Duplex Flow Control. It also supports Advanced
Configuration Power management Interface (ACPI), PCI power management for modern operating
systems that are capable of Operating System Directed Power Management (OSPM) to achieve the most
efficient power management possible. The RTL8100B(L) also supports shared Boot ROM pins & clock run
pin.
In addition to the ACPI feature, the RTL8100B(L) also supports remote wake-up (including AMD Magic
Packet, LinkChg, and Microsoft® wake-up frame) in both ACPI and APM environments. The
RTL8100B(L) is capable of performing an internal reset through the application of auxiliary power. When
auxiliary power is applied and the main power remains off, the RTL8100B(L) is ready and is waiting for the
Magic Packet or Link Change to wake the system up. Also, the LWAKE pin provides 4 different output
signals including active high, active low, positive pulse, and negative pulse. The versatility of the
RTL8100B(L) LWAKE pin provides motherboards with Wake-On-LAN (WOL) functionality.
The RTL8100B(L) also supports Analog Auto-Power-down, that is, the analog part of the RTL8100B(L)
can be shut down temporarily according to user requirement or when the RTL8100B(L) is in a power down
state with the wakeup function disabled. In addition, when the analog part is shut down and the IsolateB pin
is low (i.e. the main power is off), then both the analog and digital parts stop functioning and the power
consumption of the RTL8100B(L) will be negligible. The RTL8100B(L) also supports an auxiliary power
auto-detect function, and will auto-configure related bits of their own PCI power management registers in
PCI configuration space.
PCI Vital Product Data (VPD) is also supported to provide the information that uniquely identifies
hardware (Ex., the OEM brand name of RTL8100B(L) LAN card). The information may consist of part
number, serial number, and other detailed information.
To provide cost down support, the RTL8100B(L) is capable of using a 25MHz crystal or OSC as its internal
clock source.
The RTL8100B(L) keeps network maintenance costs low and eliminates usage barriers. It is the easiest way
to upgrade a network from 10 to 100Mbps. It also supports full-duplex operation, making 200Mbps
bandwidth possible at no additional cost. To improve compatibility with other brands’ products, the
RTL8100B(L) is also capable of receiving packets with InterFrameGap no less than 40 Bit-Time. The
RTL8100B(L) is highly integrated and requires no “glue” logic or external memory.
The RTL8100B(L) includes a PCI and Expansion Memory Share Interface (Realtek’s patent pending) for a
boot ROM and can be used in diskless workstations, providing maximum network security and ease of
management.


Similar Part No. - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100BL ETC1-RTL8100BL Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BLLQTP ETC1-RTL8100BLLQTP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com