Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8019AS-LF Datasheet(PDF) 9 Page - Realtek Semiconductor Corp.

Part # RTL8019AS-LF
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8019AS-LF Datasheet(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button RTL8019AS-LF Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8019AS-LF Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
RTL8019AS
Datasheet
2005-08-26
9
5. Register Descriptions
The registers in RTL8019AS can be roughly divided into two groups by their address and
functions -- one for NE2000, the other for Plug and Play (PnP).
5.1. Group 1: NE2000 Registers
This group includes 4 pages of registers which are selected by bit PS0 & PS1 in the CR register.
Each page contains 16 registers. Besides those registers compatible with NE2000, the
RTL8019AS defines some registers for software configuration and feature enhancement.
5.1.1. Register Table
No (Hex)
Page0
Page1
Page2
Page3
[R]
[W]
[R/W]
[R]
[R]
[W]
00
CR
CR
CR
CR
CR
CR
01
CLDA0
PSTART
PAR0
PSTART
9346CR
9346CR
02
CLDA1
PSTOP
PAR1
PSTOP
BPAGE
BPAGE
03
BNRY
BNRY
PAR2
-
CONFIG0
-
04
TSR
TPSR
PAR3
TPSR
CONFIG1
CONFIG1
05
NCR
TBCR0
PAR4
-
CONFIG2
CONFIG2
06
FIFO
TBCR1
PAR5
-
CONFIG3
CONFIG3
07
ISR
ISR
CURR
-
-
TEST
08
CRDA0
RSAR0
MAR0
-
CSNSAV
-
09
CRDA1
RSAR1
MAR1
-
-
HLTCLK
0A
8019ID0
RBCR0
MAR2
-
-
-
0B
8019ID1
RBCR1
MAR3
-
INTR
-
0C
RSR
RCR
MAR4
RCR
-
FMWP
0D
CNTR0
TCR
MAR5
TCR
CONFIG4
-
0E
CNTR1
DCR
MAR6
DCR
-
-
0F
CNTR2
IMR
MAR7
IMR
-
-
10-17
Remote DMA Port
18-1F
Reset Port
Notes: "-" denotes reserved. Registers with names typed in bold italic format are RTL8019AS
defined registers and are not supported in a standard NE2000 adapter.


Similar Part No. - RTL8019AS-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8019AS ETC1-RTL8019AS Datasheet
981Kb / 50P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
logo
Pulse A Technitrol Comp...
RTL8019AS PULSE-RTL8019AS Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - RTL8019AS-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8019AS ETC1-RTL8019AS Datasheet
981Kb / 50P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
SMSC Corporation
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
logo
List of Unclassifed Man...
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com