Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS2812C Datasheet(PDF) 3 Page - WORLDSEMI CO., LIMITED

Part # WS2812C
Description  Intelligent control LED integrated light source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2812C Datasheet(HTML) 3 Page - WORLDSEMI CO., LIMITED

  WS2812C Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2812C Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2812C Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2812C Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2812C Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2812C Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2812C Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2812C Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WS2812C
Intelligent control LED
integrated light source
3 / 8
http://www.world-semi.com
Electrical Characteristics(TA=-20~+70℃, VDD=4.5~5.5V, VSS=0V, unless otherwise specified)
Parameter
Symbol
Min
Tpy
Max
Unit
Conditions
Input current
II
——
——
±1
µA
VI=VDD/VSS
Input voltage level
VIH
0.7VDD
——
——
V
DIN, SET
VIL
——
——
0.3 VDD
V
DIN, SET
Hysteresis voltage
VH
——
0.35
——
V
DIN, SET
Switching Characteristics(TA=-20~+70℃, VDD=4.5~5.5V, VSS=0V, unless otherwise specified)
Parameter
Symbol
Min
Tpy
Max
Unit
Condition
Transmission delay time
TPLZ
——
——
300
ns
CL=15pF, DIN→DOUT, RL=10KΩ
Fall time
TTHZ
——
——
120
µs
CL=300pF, OUTR/OUTG/OUTB
Input capacity
CI
——
——
15
pF
——
LED Characteristics
Parameter
Symbol
Color
Quiescent Current: 0.5mA
Condition
(Working current)
Mini
Typ
Max
Unit
Brightness
IV
Red
150
--
200
mcd
5mA
Green
400
--
600
Blue
100
--
150
Wavelength
λd
Red
620
--
630
nm
5mA
Green
515
--
525
Blue
465
--
475
Data Transfer Time
T0H
0 code, high voltage time
220ns~380ns
T1H
1 code, high voltage time
580ns~1µs
T0L
0 code, low voltage time
580ns~1µs
T1L
1 code, low voltage time
220ns~420ns
RES
Frame unit, low voltage time
>280µs


Similar Part No. - WS2812C

ManufacturerPart #DatasheetDescription
logo
WORLDSEMI CO., LIMITED
WS2812C-2020 WORLDSEMI-WS2812C-2020 Datasheet
673Kb / 9P
   Intelligent control LED integrated light source
More results

Similar Description - WS2812C

ManufacturerPart #DatasheetDescription
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
   Intelligent control LED integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
   Intelligent control LED integrated light source
WS2812B WORLDSEMI-WS2812B Datasheet
352Kb / 5P
   Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
   Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2815 WORLDSEMI-WS2815 Datasheet
611Kb / 8P
   Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
   Intelligent control LED integrated light source
logo
WORLDSEMI CO., LIMITED
WS2812C-2020 WORLDSEMI-WS2812C-2020 Datasheet
673Kb / 9P
   Intelligent control LED integrated light source
WS2813E WORLDSEMI-WS2813E Datasheet
596Kb / 8P
   Intelligent control LED integrated light source
WS2815B WORLDSEMI-WS2815B Datasheet
738Kb / 8P
   Intelligent control LED integrated light source
WS2813 WORLDSEMI-WS2813 Datasheet
765Kb / 8P
   Intelligent control LED integrated light source
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com