Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUC120RC1DN Datasheet(PDF) 55 Page - Nuvoton Technology Corporation

Part # NUC120RC1DN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120RC1DN Datasheet(HTML) 55 Page - Nuvoton Technology Corporation

Back Button NUC120RC1DN Datasheet HTML 51Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 52Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 53Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 54Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 55Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 56Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 57Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 58Page - Nuvoton Technology Corporation NUC120RC1DN Datasheet HTML 59Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
NUC100/120xxxDN
Mar. 21, 2019
Page 55 of 107
Rev 1.03
LDO
USB 1.1
Tranceiver
5V to 3.3V LDO
PLL
12-bit
SAR-ADC
Brown
Out
Detector
POR50
POR18
Low
Voltage
Reset
External
32.768 kHz
Crystal
Analog Comparator
Temperature
Seneor
FLASH
Digital Logic
3.3V
1.8V
Internal
22.1184 MHz & 10 kHz
Oscillator
AVDD
AVSS
VBUS
VDD33
D+
D-
LDO
1uF
1uF
IO cell
GPIO
NUC120
Power
Distribution
Figure 6-9 NuMicro
® NUC120 Power Distribution Diagram


Similar Part No. - NUC120RC1DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC120RC1DN ETC2-NUC120RC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC120RC1DN NUVOTON-NUC120RC1DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC120RC1DN NUVOTON-NUC120RC1DN Datasheet
1Mb / 109P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NUC120RC1DN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com