Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PI74ALVCH162820 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part No. PI74ALVCH162820
Description  3.3V 10-Bit Flip-Flop with Dual Outputs and 3-State Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI74ALVCH162820 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI74ALVCH162820
3.3V 10-BIT FLIP-FLOP WITH
DUAL OUTPUTS AND 3-STATE OUTPUTS
5
PS8094A 03/26/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
Switching Characteristics over Operating Range(1)
s
r
e
t
e
m
a
r
a
P
m
o
r
F
)
T
U
P
N
I
(
o
T
)
T
U
P
T
U
O
(
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
7
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
.
n
i
M
)
2
(
.
x
a
M.
n
i
M
)
2
(
.
x
a
M.
n
i
M
)
2
(
.
x
a
M
)
2
(
f X
A
M
0
5
10
5
10
5
1
s
n
t D
P
K
L
CQ
0
.
10
.
72
.
60
.
14
.
5
t N
E
E
OQ
0
.
14
.
78
.
60
.
16
.
5
t S
I
D
E
OQ
3
.
14
.
65
.
50
.
10
.
5
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Operating Characteristics, TA =25ºC
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
l
a
c
i
p
y
T
C D
P
n
o
it
a
p
i
s
si
D
r
e
w
o
P
e
c
n
a
ti
c
a
p
a
C
d
el
b
a
n
E
st
u
p
t
u
O
CL
,
F
p
0
5
=
z
H
M
0
1
=
f
8
66
6
F
p
d
el
b
a
si
D
st
u
p
t
u
O9
37
4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn