Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1266 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1266
Description  Cascadable Super Sequencer Margin Control and Fault Recording
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1266 Datasheet HTML 9Page - Analog Devices ADM1266 Datasheet HTML 10Page - Analog Devices ADM1266 Datasheet HTML 11Page - Analog Devices ADM1266 Datasheet HTML 12Page - Analog Devices ADM1266 Datasheet HTML 13Page - Analog Devices ADM1266 Datasheet HTML 14Page - Analog Devices ADM1266 Datasheet HTML 15Page - Analog Devices ADM1266 Datasheet HTML 16Page - Analog Devices ADM1266 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 13 of 62
TYPICAL PERFORMANCE CHARACTERISTICS
47.2
47.3
47.4
47.5
47.6
47.7
47.8
47.9
48.0
3
4
5
6
7
8
9
10
11
12
VH1/VH2 SUPPLY VOLTAGE (V)
Figure 4. VH1/VH2 Current vs. VH1/VH2 Voltage with a 42 mA Load on
AVDD_CAP
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
MINIMUM RANGE VALUE (V)
MAXIMUM RANGE VALUE (V)
400mV TO 1V RANGE
750mV TO 1.875V RANGE
1.5V TO 3.75V RANGE
3V TO 7.5V RANGE
6V TO 15V RANGE
Figure 5. Relative Accuracy of VHx Pins with 16x Averaging (%) Across the
Supply Fault Detector Range
MINIMUM RANGE VALUE (V)
MAXIMUM RANGE VALUE (V)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
400mV TO 1V HIGH-Z RANGE
400mV TO 1V DIRECT RANGE
750mV TO 1.875V RANGE
1.5V TO 3.75V RANGE
2V TO 5V RANGE
Figure 6. Relative Accuracy of VPx Pins with 16× Averaging (%) Across the
Supply Fault Detector Range


Similar Part No. - ADM1266

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1260 AD-ADM1260 Datasheet
803Kb / 71P
   Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
ADM1260ACPZ AD-ADM1260ACPZ Datasheet
803Kb / 71P
   Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
ADM1260ACPZ-RL7 AD-ADM1260ACPZ-RL7 Datasheet
803Kb / 71P
   Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
More results

Similar Description - ADM1266

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1260 AD-ADM1260 Datasheet
803Kb / 71P
   Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com