Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C3Q991J Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C3Q991J
Description  3.3V Programmable Skew PLL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3Q991J Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C3Q991J Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3Q991J Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C3Q991, PI6C3Q993
3.3V Programmable Skew PLL Clock Driver SuperClock®
3
PS8449A
10/09/00
ProgrammableSkew
Output skew with respect to the REF input is adjustable to compen-
sate for PCB trace delays, backplane propagation delays or to
accommodaterequirementsforspecialtimingrelationshipsbetween
clocked components. Skew is selectable as a multiple of a time unit
tU which is of the order of a nanosecond (see Table 2). There are 9
skew configurations available for each output pair. These configu-
rations are choosen by the nF1:0 control pins. In order to minimize
the number of control pins, 3-level inputs (HIGH-MID-LOW) are
used,theyareintendedforbutnotrestrictedtohard-wiring.Undriven
3-level inputs default to the MID level. Where programmable skew
isnotarequirement,thecontrolpinscanbeleftopenforthezeroskew
default setting. The Skew Selection Table (Table 3) shows how to
select specific skew taps by using the nF1:0 control pins.
ExternalFeedback
Byprovidingexternalfeedback,thePI6C3Q99Xfamilygivesusers
flexibilitywithregardtoskewadjustment.TheFBsignaliscompared
with the input REF signal at the phase detector in order to drive the
VCO.PhasedifferencescausetheVCOofthePLLtoadjustupwards
or downwards accordingly. An internal loop filter moderates the
response of the VCO to the phase detector. The loop filter transfer
function has been chosen to provide minimal jitter (or frequency
variation) while still providing accurate responses to input fre-
quency changes.
W
O
L
=
S
FD
I
M
=
S
FH
G
I
H
=
S
Fs
t
n
e
m
m
o
C
t(
n
o
it
al
u
cl
a
c
ti
n
u
g
n
i
m
i
T
U)F
x
4
4
(/
1
M
O
N
)F
x
6
2
(/
1
M
O
N
)F
x
6
1
(/
1
M
O
N
)
F
(
e
g
n
a
r
y
c
n
e
u
q
e
rf
O
C
V
M
O
N
) )
2
,
1
(
z
H
M
5
3
o
t
5
1z
H
M
0
6
o
t
5
2z
H
M
5
8
o
t
0
4
e
g
n
a
r
t
n
e
m
t
s
u
j
d
a
w
e
k
S
)
3
(
.
x
a
M
t
n
e
m
t
s
u
j
d
a
s
n
9
0
.
9
±
°
9
4
±
%
4
1
±
s
n
3
2
.
9
±
°
3
8
±
%
3
2
±
s
n
8
3
.
9
±
°
5
3
1
±
%
7
3
±
s
e
e
r
g
e
d
e
s
a
h
P
s
n
e
m
it
el
c
y
c
f
o
%
F
,
1
el
p
m
a
x
E
M
O
N
z
H
M
5
1
=tU
s
n
2
5
.
1
=
F
,
2
el
p
m
a
x
E
M
O
N
z
H
M
5
2
=tU
s
n
1
9
.
0
=tU
s
n
4
5
.
1
=
F
,
3
el
p
m
a
x
E
M
O
N
z
H
M
0
3
=tU
s
n
6
7
.
0
=tU
s
n
8
2
.
1
=
F
,
4
el
p
m
a
x
E
M
O
N
z
H
M
0
4
=tU
s
n
6
9
.
0
=tU
s
n
6
5
.
1
=
F
,
5
el
p
m
a
x
E
M
O
N
z
H
M
0
5
=tU
s
n
7
7
.
0
=tU
s
n
5
2
.
1
=
F
,
6
el
p
m
a
x
E
M
O
N
z
H
M
0
8
=tU
s
n
8
7
.
0
=
Table 2. PLL Programmable Skew Range and Resolution Table
Notes:
1. The device may be operated outside recommended frequency ranges without damage, but functional
operation is not guaranteed. Selecting the appropriate FS value based on input frequency range allows the
PLL to operate in its ‘sweet spot’ where jitter is lowest.
2. TheleveltobesetonFSisdeterminedbythenominaloperatingfrequencyoftheVCOandTimeUnitGenerator.
The VCO frequency always appears at 1Q1:0, 2Q1:0, and the higher outputs when they are operated in their
undivided modes. The frequency appearing at the REF and FB inputs will be the same as the VCO when the
output connected to FB is undivided. The frequency of the REF and FB inputs will be 1/2 or 1/4 the VCO
frequency when the part is configured for a frequency multiplication by using a divided output as the FB input.
3. Skew adjustment range assumes that a zero skew output is used for feedback. If a skewed Q output is used
for feedback, then adjustment range will be greater. For example if a 4tU skewed output is used for feedback,
all other outputs will be skewed –4tU in addition to whatever skew value is programmed for those outputs.
‘Max adjustment’ range applies to output pairs 3 and 4 where ±6 tU skew adjustment is possible and at the
lowest FNOM value.


Similar Part No. - PI6C3Q991J

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3420ATE PERICOM-PI6C3420ATE Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3503 PERICOM-PI6C3503 Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
PI6C3503LE PERICOM-PI6C3503LE Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
More results

Similar Description - PI6C3Q991J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com