Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6794 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6794
Description  DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6794 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6794 Datasheet HTML 1Page - OKI electronic componets MSM6794 Datasheet HTML 2Page - OKI electronic componets MSM6794 Datasheet HTML 3Page - OKI electronic componets MSM6794 Datasheet HTML 4Page - OKI electronic componets MSM6794 Datasheet HTML 5Page - OKI electronic componets MSM6794 Datasheet HTML 6Page - OKI electronic componets MSM6794 Datasheet HTML 7Page - OKI electronic componets MSM6794 Datasheet HTML 8Page - OKI electronic componets MSM6794 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4/34
¡ Semiconductor
MSM6794
ELECTRICAL CHARACTERISTICS
DC Characteristics (1)
0.8VDD
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit.
Applicable Pin
"H" input voltage 1
"H" input voltage 2
"H" input voltage 3
"L" input voltage 1
"L" input voltage 2
"L" input voltage 3
"H" input current 1
"H" input current 2
"L" input current I
"L" input current 2
OFF leakage
current
"H" output voltage 1
"H" output voltage 2
"L" output voltage 1
"L" output voltage 2
Multiplied voltage 1
Doubler output
Multiplied voltage 2
Tripler output
COM output
resistance
SEG output
resistance
Supply Current 1
Supply Current 2
Supply Current 3
Oscillation
frequency
VIH1
VIH2
VIH3
VIL1
VIL2
VIL3
IIH1
IIH2
IIL1
IIL2
Ioff
VOH1
VOH2
VOL1
VOL2
VDB
VTR
RC
RS
IDD1
IDD2
IDDS
fOSC
VI=VDD
VI=VDD
VI=0V
VI=0V
VI=VDD or 0V
IO=–1.0mA
IO=–1.0mA
IO=1.0mA
IO=1.0mA
IO=–500µA
fosc=350kHz
IO=–500µA
fosc=350kHz
IO=±50µA
IO=±20µA
During display
External clock
fosc = 350kHz
During display
Internal
oscillation
fosc = 350kHz
During standby
Rf=18kΩ
Cf=56pF
0.8VDD
0.8VDD
0
0
0
–5
–5
–5
–5
0.9VDD
0.9VDD
VIN×2
–0.5
VIN×3
–1.0
292
360
350
VDD
VDD
VDD
0.2VDD
0.2VDD
0.2VDD
5
5
5
5
0.1VDD
0.1VDD
10
20
450
700
10
437
V
V
V
V
V
Unit.
µA
µA
µA
µA
µA
V
V
V
V
V
V
k
k
µA
µA
µA
kHz
OSC1
DB0-7, LCDCK, FLM, DF
Other input pins
OSC1
DB0-7, LCDCK, FLM, DF
Other input pins
Input pins excluding
DB0-7, LCDCK,
FLM and DF
DB0-7, LCDCK, FLM, DF
Input pins excluding
DB0-7, LCDCK,
FLM and DF
DB0-7, LCDCK, FLM, DF
SO
CO, LCDCK, FLM, DF, SO
DB0 to DB7
CO, LCDCK, FLM, DF, SO
DB0 to DB7
VS2
VS2
COM1 to COM48
SEG1 to SEG128
VDD
VDD
VDD
OSC1, OSC2, OSC3
(VDD=2.7 to 4.5V, VBI=5 to 12V, Ta=–25 to +85˚C)
See Note 3 on p.6


Similar Part No. - MSM6794

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6791 OKI-MSM6791 Datasheet
197Kb / 10P
   DRAM Interface IC
More results

Similar Description - MSM6794

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97933ACH-3BW ROHM-BU97933ACH-3BW Datasheet
450Kb / 7P
   RAM built-in, Dot-matrix 128 x 33 STN LCD control driver
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9445-02 ETC2-FEDL9445-02 Datasheet
608Kb / 84P
   180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9445 ETC2-ML9445 Datasheet
740Kb / 84P
   180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9445 ETC2-ML9445 Datasheet
740Kb / 84P
   180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com