Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4001 Datasheet(PDF) 7 Page - XLSEMI

Part # XL4001
Description  2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL4001 Datasheet(HTML) 7 Page - XLSEMI

  XL4001 Datasheet HTML 1Page - XLSEMI XL4001 Datasheet HTML 2Page - XLSEMI XL4001 Datasheet HTML 3Page - XLSEMI XL4001 Datasheet HTML 4Page - XLSEMI XL4001 Datasheet HTML 5Page - XLSEMI XL4001 Datasheet HTML 6Page - XLSEMI XL4001 Datasheet HTML 7Page - XLSEMI  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Datasheet
2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
XL4001
Rev 1.2
www.xlsemi.com
7
Package Information (SOP8-EP)


Similar Part No. - XL4001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4001 ETC2-XL4001 Datasheet
170Kb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
XL4001E1 ETC2-XL4001E1 Datasheet
170Kb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
More results

Similar Description - XL4001

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3101 HMSEMI-HM3101 Datasheet
731Kb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL4001 ETC2-XL4001 Datasheet
170Kb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
Shenzhen Huazhimei Semi...
HM3112B HMSEMI-HM3112B Datasheet
1Mb / 7P
   2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4201 XLSEMI-XL4201 Datasheet
369Kb / 14P
   3A 150KHz 40V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL4201 ETC2-XL4201 Datasheet
332Kb / 14P
   3A 150KHz 40V Buck DC/DC Converter With Constant Current Loop
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
   2A 150kHz 40V BUCK DC/DC CONVERTER
logo
List of Unclassifed Man...
XL4501 ETC2-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501 XLSEMI-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Orister Corporation
RS6501 ORISTER-RS6501 Datasheet
486Kb / 8P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com