Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP78NQ03LT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP78NQ03LT
Description  N-channel TrenchMOSTM logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP78NQ03LT Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP78NQ03LT Datasheet HTML 1Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHP78NQ03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
9397 750 15086
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 9 June 2005
3 of 12
Philips Semiconductors
PHP78NQ03LT
N-channel TrenchMOS logic level FET
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature
Tmb =25 °C; IDM is single pulse; VGS =5V
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
03aa16
0
40
80
120
0
50
100
150
200
Tmb (
°C)
Pder
(%)
03aa24
0
40
80
120
0
50
100
150
200
Tmb (°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
003aaa175
1
10
10
2
10
3
1
10
10
2
VDS (V)
ID
(A)
tp = 10
µs
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
100
µs


Similar Part No. - PHP78NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
PHP78NQ03LT NXP-PHP78NQ03LT Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 06-30 January 2009
More results

Similar Description - PHP78NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP222NQ04LT PHILIPS-PHP222NQ04LT Datasheet
93Kb / 13P
   N-channel TrenchMOSTM logic level FET
Rev. 01-13 May 2004
logo
List of Unclassifed Man...
BUK9506-55B ETC1-BUK9506-55B Datasheet
115Kb / 15P
   N-channel TrenchMOSTM logic level FET
logo
NXP Semiconductors
PH8230E PHILIPS-PH8230E Datasheet
84Kb / 12P
   N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
Rev. 03-02 March 2004
logo
Guangdong Kexin Industr...
KUK7575-100A KEXIN-KUK7575-100A Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7604-40A KEXIN-KUK7604-40A Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7607-55B KEXIN-KUK7607-55B Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7606-55A KEXIN-KUK7606-55A Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7607-30B KEXIN-KUK7607-30B Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7109-75AIE KEXIN-KUK7109-75AIE Datasheet
61Kb / 2P
   TrenchMOSTM standard level FET
KUK7109-75ATE KEXIN-KUK7109-75ATE Datasheet
63Kb / 2P
   TrenchMOSTM standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com