Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PALCE22V10 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. PALCE22V10
Description  Flash-erasable Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE22V10 Datasheet(HTML) 1 Page - Cypress Semiconductor

  PALCE22V10 Datasheet HTML 1Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 2Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 3Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 4Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 5Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 6Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 7Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 8Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Flash-erasable Reprogrammable
CMOS PAL® Device
PALCE22V10
PALCE22V10 is a replacement device for
PALC22V10, PALC22V10B, and PALC22V10D.
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-03027 Rev. *B
Revised April 9, 2004
Features
• Low power
— 90 mA max. commercial (10 ns)
— 130 mA max. commercial (5 ns)
• CMOS Flash EPROM technology for electrical erasabil-
ity and reprogrammability
• Variable product terms
— 2 ×(8 through 16) product terms
• User-programmable macrocell
— Output polarity control
— Individually selectable for registered or combina-
torial operation
• Up to 22 input terms and 10 outputs
• DIP, LCC, and PLCC available
— 5 ns commercial version
4 ns tCO
3 ns tS
5 ns tPD
181-MHz state machine
— 10 ns military and industrial versions
7 ns tCO
6 ns tS
10 ns tPD
110-MHz state machine
— 15-ns commercial, industrial, and military versions
— 25-ns commercial, industrial, and military versions
• High reliability
— Proven Flash EPROM technology
— 100% programming and functional testing
Logic Block Diagram (PDIP/CDIP)
Pin Configuration
PLCC
Top View
Macrocell
8
10
12
14
16
16
14
12
10
8
11
10
98
7
6
5
432
1
12
13
14
15
16
17
18
19
20
21
22
23
24
Preset
PROGRAMMABLE
AND ARRAY
(132 X 44)
I
III
I
I
I
I
II
CP/I
VSS
II/O9
I/O8
I/O 7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
VCC
Reset
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
I/O
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
I
2
3
4
5
6
7
N/C
LCC
Top View
5
6
7
8
9
10
11
4 3 2
282726
12131415161718
25
24
23
22
21
20
19
I/O
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
I
2
3
4
5
6
7
1
N/C
NC
NC
25
24
23
22
21
20
19
5
6
7
8
9
10
11
121314 1516 1718
43 2
2827 26
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PALCE16V8 Flash-Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PAL20V8 Flash Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALC22V10 Reprogrammable CMOS PAL Device 1  2  3  Cypress Semiconductor
PALCE20V8 Flash Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALC22V10B Reprogrammable CMOS PAL Device 1  2  3  Cypress Semiconductor
PALC22V10D FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE 1  2  3  4  5  More Cypress Semiconductor
PALCE26V12 28-Pin EE CMOS Versatile PAL Device 1  2  3  4  5  More Advanced Micro Devices
PALCE22V10 24-Pin EE CMOS Zero Power Versatile PAL Device 1  2  3  4  5  More Lattice Semiconductor
PALLV22V10 Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device 1  2  3  4  5  More Lattice Semiconductor
PLDC20G10B CMOS Generic 24-Pin Reprogrammable Logic Device 1  2  3  4  5  More Cypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn