Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB23N03R Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTB23N03R
Description  Power MOSFET 23 Amps, 25 Volts N?묬hannel D2PAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB23N03R Datasheet(HTML) 1 Page - ON Semiconductor

  NTB23N03R Datasheet HTML 1Page - ON Semiconductor NTB23N03R Datasheet HTML 2Page - ON Semiconductor NTB23N03R Datasheet HTML 3Page - ON Semiconductor NTB23N03R Datasheet HTML 4Page - ON Semiconductor NTB23N03R Datasheet HTML 5Page - ON Semiconductor NTB23N03R Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 2
1
Publication Order Number:
NTB23N03R/D
NTB23N03R
Power MOSFET
23 Amps, 25 Volts
N−Channel D2PAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Features
Pb−Free Packages are Available
Typical Applications
Planar HD3e Process for Fast Switching Performance
Low RDS(on) to Minimize Conduction Loss
Low Ciss to Minimize Driver Loss
Low Gate Charge
Optimized for High Side Switching Requirements in
High−Efficiency DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
25
Vdc
Gate−to−Source Voltage − Continuous
VGS
±20
Vdc
Drain Current
− Continuous @ TA = 25°C, Limited by Chip
− Continuous @ TA = 25°C, Limited by Package
− Single Pulse (tp = 10 ms)
ID
ID
IDM
23
6.0
60
A
Total Power Dissipation @ TA = 25°C
PD
37.5
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
150
°C
Thermal Resistance − Junction−to−Case
RqJC
3.3
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
http://onsemi.com
23 AMPERES, 25 VOLTS
RDS(on) = 32 mW (Typ)
D
S
G
N−CHANNEL
MARKING DIAGRAM
& PIN ASSIGNMENTS
D2PAK
CASE 418B
STYLE 2
1
2
3
4
4 Drain
3
Source
1
Gate
2
Drain
T23N03 = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
T23
N03G
AYWW
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NTB23N03R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB22N06 ONSEMI-NTB22N06 Datasheet
200Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
NTB22N06L ONSEMI-NTB22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
NTB22N06LT4 ONSEMI-NTB22N06LT4 Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
NTB22N06T4 ONSEMI-NTB22N06T4 Datasheet
200Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
NTB25P06 ONSEMI-NTB25P06 Datasheet
56Kb / 6P
   Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
More results

Similar Description - NTB23N03R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
NTD14N03R ONSEMI-NTD14N03R Datasheet
65Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
NTB4302T4G ONSEMI-NTB4302T4G Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
MTB2P50E ONSEMI-MTB2P50E Datasheet
90Kb / 8P
   Power MOSFET 2 Amps, 500 Volts P?묬hannel D2PAK
June, 2006 ??Rev. 4
MMDF2N02E ONSEMI-MMDF2N02E Datasheet
100Kb / 7P
   Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
NTP75N03-06 ONSEMI-NTP75N03-06 Datasheet
60Kb / 8P
   Power MOSFET 75 Amps, 30 Volts N?묬hannel TO??20 and D2PAK
December, 2003 ??Rev. 4
NTB85N03T4G ONSEMI-NTB85N03T4G Datasheet
83Kb / 7P
   Power MOSFET 85 Amps, 28 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com