Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE662M04-T2 Datasheet(PDF) 3 Page - NEC

Part # NE662M04-T2
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE662M04-T2 Datasheet(HTML) 3 Page - NEC

  NE662M04-T2 Datasheet HTML 1Page - NEC NE662M04-T2 Datasheet HTML 2Page - NEC NE662M04-T2 Datasheet HTML 3Page - NEC NE662M04-T2 Datasheet HTML 4Page - NEC NE662M04-T2 Datasheet HTML 5Page - NEC NE662M04-T2 Datasheet HTML 6Page - NEC NE662M04-T2 Datasheet HTML 7Page - NEC NE662M04-T2 Datasheet HTML 8Page - NEC NE662M04-T2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NE662M04
Frequency, f (GHz)
Frequency, f (GHz)
NOISE FIGURE AND ASSOCIATED
GAIN vs. FREQUENCY
2
3
4
5
6
7
8 9 10 12
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
18
16
14
12
10
8
6
4
2
GA
NF
VCE = 2V, lC = 5 mA
2
3
4
5
6
7
8
9 1012
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
18
16
14
12
10
8
6
4
GA
NF
VC = 2V, lC = 10 mA
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Collector Current, IC (mA)
Collector Current, IC (mA)
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
Collector Current, IC (mA)
Collector Current, lC (mA)
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
NOISE FIGURE AND ASSOCIATED
GAIN vs. COLLECTOR CURRENT
1
10
100
6.00
5.00
4.00
3.00
2.00
1.00
0.00
30.0
25.0
20.0
15.0
10.0
5.0
0.0
GA
NF
f = 2.5 GHz, VCE = 2 V
1
10
100
6.00
5.00
4.00
3.00
2.00
1.00
0.00
30.0
25.0
20.0
15.0
10.0
5.0
0.0
GA
NF
f = 1.5 GHz, VCE = 2 V
1
10
100
6.00
5.00
4.00
3.00
2.00
1.00
0.00
30.0
25.0
20.0
15.0
10.0
5.0
0.0
GA
NF
f = 2.0 GHz, VCE = 2 V
1
10
100
6.00
5.00
4.00
3.00
2.00
1.00
0.00
30.0
25.0
20.0
15.0
10.0
5.0
0.0
GA
NF
f = 1.0 GHz, VCE = 2 V
NOISE FIGURE AND ASSOCIATED
GAIN vs. FREQUENCY


Similar Part No. - NE662M04-T2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE662M04-T2 CEL-NE662M04-T2 Datasheet
420Kb / 11P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE662M04-T2-A CEL-NE662M04-T2-A Datasheet
420Kb / 11P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE662M04-T2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com