Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3416 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3416
Description  2SK3416
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3416 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3416 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3416 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3416 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3416 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3416
No.7440-3/4
0
0
20
40
60
80
100
120
0.8
0.2
0.4
0.6
1.2
1.0
140
160
周囲温度, Ta -- °C
PD -- Ta
0.1
1.0
10
2
3
5
7
2
3
5
7
2
3
5
7
010
2030405060
7
3
5
2
7
3
5
2
7
3
5
2
3
2
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IT05365
0
0
20
40
60
80
100
120
20
15
10
5
25
140
160
ケース温度, Tc -- °C
PD -- Tc
IT05366
A S O
ドレイン・ソース電圧, VDS -- V
IT05364
10
100
1000
7
5
3
2
7
5
3
2
ドレイン・ソース電圧, VDS -- V
Ciss, Coss, Crss -- VDS
IT05362
IT05360
ダイオード順電圧, VSD -- V
IF -- VSD
0.1
23
5 7
23
5 7
23
5 7
1.0
10
100
0
0
2
4
6
8
1
3
5
7
9
12
10
11
9
8
4567
123
10
総ゲート電荷量, Qg -- nC
VGS -- Qg
IT05363
10
0.1
1.0
10
23
5
7
23
23
57
100
2
3
5
2
3
7
3
5
7
ドレイン電流, ID -- A
SW Time -- ID
IT05361
ドレイン電流, ID -- A
IT05359
0.001
0.01
0.01
0.1
1.0
10
23 5 7
2 3 57
2 3 57
2 3 57
2 3
10
1.0
0.1
3
5
7
2
3
5
7
2
3
5
7
2
3
2
yfs -- ID
VDS=10V
ID=10A
VDS=10V
75
°C
Ta=
--25
°C
25
°C
VGS=0
VDD=30V
VGS=10V
t r
td(on)
td(off)
tf
Ciss
Crss
Coss
f=1MHz
IDP=40A
ID=10A
10µs
Operation in this area
is limited by RDS(on).
Tc=25°C
1パルス
100ms
10ms
1ms
DC
operation
100
µs


Similar Part No. - 2SK3416

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3411 SANYO-2SK3411 Datasheet
31Kb / 4P
   DC / DC Converter Applications
2SK3412 SANYO-2SK3412 Datasheet
31Kb / 4P
   DC / DC Converter Applications
logo
Inchange Semiconductor ...
2SK3412D ISC-2SK3412D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3412I ISC-2SK3412I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK3413LS SANYO-2SK3413LS Datasheet
32Kb / 4P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com