Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM432 Datasheet(PDF) 11 Page - Bookly Micro electronic

Part # BM432
Description  LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM432 Datasheet(HTML) 11 Page - Bookly Micro electronic

Back Button BM432 Datasheet HTML 6Page - Bookly Micro electronic BM432 Datasheet HTML 7Page - Bookly Micro electronic BM432 Datasheet HTML 8Page - Bookly Micro electronic BM432 Datasheet HTML 9Page - Bookly Micro electronic BM432 Datasheet HTML 10Page - Bookly Micro electronic BM432 Datasheet HTML 11Page - Bookly Micro electronic BM432 Datasheet HTML 12Page - Bookly Micro electronic BM432 Datasheet HTML 13Page - Bookly Micro electronic BM432 Datasheet HTML 14Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
BM432(BM
431L)
11
August 2003
Rev. 1.1
BOOKLY MICRO
Data Sheet
Mechanical Dimensions
TO - 92
2.54
Φ1.5×0.2
Φ4.5±0.1
0.46
0.38
Unit: mm


Similar Part No. - BM432

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
BM431SA BOOKLY-BM431SA Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
BM431SB BOOKLY-BM431SB Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
BM431TA BOOKLY-BM431TA Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
BM431TB BOOKLY-BM431TB Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - BM432

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com