Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GRO-2550 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part No. GRO-2550
Description  REVERSE OSMOSIS DRINKING WATER SYSTEM
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PENTAIR [Pentair plc. All rights reserved.]
Homepage  https://www.pentair.com/
Logo 

GRO-2550 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4004870 REV E MR18
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005
WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2018 Pentair Residential Filtration, LLC. All rights reserved.
§For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands. Pentair trademarks and logos are owned by
Pentair plc or its affiliates. Third party registered and unregistered trademarks and logos are the property of their respective owners.
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005
WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2018 Pentair Residential Filtration, LLC. All rights reserved.
§For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands. Pentair trademarks and
logos are owned by Pentair plc or its affiliates. Third party registered and unregistered trademarks and logos are the property of their
respective owners.
PENTAIR RESIDENTIAL FILTRATION, LLC
13845 BISHOPS DR., SUITE 200 BROOKFIELD, WI 53005
262.238.4400, waterpurification.pentair.com
CUSTOMER CARE: 800.279.9404
EMAIL: techsupport pentair.com
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005
WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE:
800.279.9404 | tech-support pentair.com
© 2018 Pentair Residential Filtration, LLC. All rights reserved.
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005
P: 262.238.4400 | F: 262.238.4418
WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404
tech-support pentair.com
© 2017 Pentair Residential Filtration, LLC
All rights reserved.
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005 USA
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2018 Pentair Residential Filtration, LLC. All rights reserved.
§For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands. Pentair trademarks and logos are owned by
Pentair plc or its affiliates. Third party registered and unregistered trademarks and logos are the property of their respective owners.
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005 USA
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2018 Pentair Residential Filtration, LLC. All rights reserved.
§
For a detailed list of where Pentair trademarks are registered,
please visit waterpurification.pentair.com/brands. Pentair
trademarks and logos are owned by Pentair plc or its affiliates.
Third party registered and unregistered trademarks and logos
are the property of their respective owners.
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005 USA
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM
CUSTOMER CARE: 800.279.9404 | tech-support pentair.com
© 2018 Pentair Residential Filtration, LLC. All rights reserved.
§
For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands.
Pentair trademarks and logos are owned by Pentair plc or its affiliates. Third party registered and unregistered
trademarks and logos are the property of their respective owners.
13845 BISHOPS DR., SUITE 200, BROOKFIELD, WI 53005 USA
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-supportpentair.com
© 2017 Pentair Residential Filtration, LLC. All rights reserved.
§For a detailed list of where Pentair trademarks are registered, please visit waterpurification.pentair.com/brands. Pentair trademarks and logos are owned by
Pentair plc or its affiliates. Third party registered and unregistered trademarks and logos are the property of their respective owners.
PART NUMBER
MODEL
DESCRIPTION
CARTON QTY.
CARTON DIMENSIONS
INCHES (MILLIMETERS)
161154
PENTAIR GRO-2550
4 Stage GRO Reverse Osmosis System
1
18.7" L X 16" W X 18.2" H
(475 mm X 406 mm X 462 mm)
4004424
GRO-50EN
Stage 3, 50 GPD encapsulated GRO reverse
osmosis membrane w/ DLFC
16
11.5" L X 12" W X 17" H
(292 mm X 305 mm X 431 mm)
155014-43
P5 Spun Polypropylene
Stage 1 Sediment Pre-Filter, 5 Micron
24
16" L X 10.75" W X 10.5" H
(406 mm X 273 mm X 268 mm)
155634-43
EPM-10
Stage 2 Carbon Block Pre-Filter
12
13" L X 10.5" W X 11" H
(330 mm X 268 mm X 279 mm)
255521-41
GS-10RO-B
Stage 4 GAC Post Filter
12
10" L X 9" W X 7" H
(254 mm X 229 mm X 178 mm)
SHIPPING SPECIFICATIONS
System Production Rate:
10.09 gpd (38.19 Lpd)
Recovery Rating:
31.76%
Efficiency Rating:
15.39%
TDS Rejection:
96.8%
GRO-2550 SYSTEM INSTALLED WITH P5, EPM-
10, GRO-50EN, GS-10RO FILTER CARTRIDGES
This system has been tested according to NSF/ANSI
58 for the reduction of substances listed below. The
concentration of the indicated substances in water
entering the sysem was reduced to a concentration
less than or equal to the permissible limit for water
leaving the system as specified in NSF/ANSI 58.
PERFORMANCE
Model GRO-2550
Substance
Influent Challenge
Concentration
Max. Permissible
Product Water
Concentration
Reduction
Requirements
Average
Reduction
Standard 58
Total Dissolved
Solids
750 ± 40 mg/L
187 mg/L
96.8%
Cysts*
Minimum 50,000/mL
99.955%
>99.99%
* NSF/ANSI Standard 58 certified to reduce cysts such as Cryptosporidium and Giardia by
mechanical means.
System Tested and Certified by NSF International against
NSF/ANSI Standard 58, and CSA B483.1 for the reduction of
the claims specified on the Performance Data Sheet.
EPA EST. NO. 082989-CHN-001


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn