Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GRO-2550 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part No. GRO-2550
Description  REVERSE OSMOSIS DRINKING WATER SYSTEM
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PENTAIR [Pentair plc. All rights reserved.]
Homepage  https://www.pentair.com/
Logo 

GRO-2550 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PENTAIR
HIGH EFFICIENCY REVERSE OSMOSIS DRINKING WATER SYSTEM
Point-of-use drinking water
Undersink installations
Refrigerator icemaker
APPLICATIONS
The Pentair GRO-2550 system includes the high recovery GRO-50
encapsulated membrane. The system includes a 5 micron sediment and
carbon block prefilter that reduces sediment and odor and improves taste.
The carbon and sediment prefilters reduce the particles and chlorine
taste and odor to prolong the life of the RO membrane. The RO membrane
separates water molecules from dissolved salts and minerals. The RO
filtered water is sent to the storage tank until you need it. When you turn
on the drinking water faucet, the filtered water from the storage tank is
sent through a carbon polishing filter which provides final taste and odor
filtration before the water reaches your glass. Cleaner, fresher water
whenever you want it!
FEATURES/BENEFITS
Includes 50 gallon per day high
recovery GRO reverse osmosis
encapsulated membrane
Water on demand delivered from a
storage tank
Encapsulated element for simplified
replacement
Meltblown sediment depth prefilter
Extruded carbon block prefilter
GRO-2550
REVERSE OSMOSIS DRINKING WATER SYSTEM
HIGH RECOVERY GRO BASED SYSTEM
Reduces salts, dissolved minerals,
and bad taste and odor
Designed for chlorinated and
non-chlorinated potable drinking
water
Drinking water faucet with air gap
NSF Certified for materials and
performance
3/8" tubing to the faucet for high
flow
Temperature Range:
40-100°F (4.4-37.8°C)
Pressure Range:
40-100 psi (2.75-6.89 bar)
System Production Rate:
10.09 gpd (38.19 Lpd)
Recovery Rating:
31.76%
Efficiency Rating:
15.39%
TDS Rejection:
96.8%
Dimensions:
15-inch W x 51⁄2-inch D x 171⁄4-inch H
(38.1 cm W x 12.7 cm D x 43.8 cm H)
Weight:
18 lbs. (8.16 kg)
SPECIFICATIONS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn