Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD9772A Datasheet(PDF) 4 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD9772A
Description  4 Inputs Selectable Stereo Class-AB Audio Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD9772A Datasheet(HTML) 4 Page - TECHCODE SEMICONDUCTOR, INC.

  TD9772A Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD9772A Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Techcode®
DATASHEET
4 Inputs Selectable Stereo Class-AB Audio Amplifier
TD9772A
Pinout Configuration
Ordering Information
TD9772A □ □
Circuit Type
Packing:
Blank:Tube
R:Type and Reel
O:TSSOP-24


Similar Part No. - TD9772A

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD9721 TECHCODE-TD9721 Datasheet
1Mb / 19P
   Stereo, Differential Input Cap-Free Line Driver
TD9722 TECHCODE-TD9722 Datasheet
1Mb / 21P
   Stereo, Differential Input Cap-Free Line Driver
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
   Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
More results

Similar Description - TD9772A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2369 PTC-PT2369 Datasheet
261Kb / 4P
   4 Inputs, 2.6Wx2 Class-AB Audio Amplifier with I2C Volume
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
   AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
   3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com