Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CG5-20S Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part No. CG5-20S
Description  DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PENTAIR [Pentair plc. All rights reserved.]
Homepage  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

CG5-20S Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  CG5-20S Datasheet HTML 1Page - Pentair plc. All rights reserved. CG5-20S Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. All other registered and unregistered trademarks and logos are the property of their
respective owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
© 2017 Pentair Filtration Solutions, LLC. All Rights Reserved.
WATER QUALITY SYSTEMS
EVERPURE-SHURFLO WORLD HEADQUARTERS, 1040 MUIRFIELD DRIVE, HANOVER PARK, IL 60133 USA • FOODSERVICE.PENTAIR.COM
800.942.1153 (US ONLY) • 630.307.3000 MAIN • 630.307.3030 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO AUSTRALIA, 1-21 MONASH DRIVE, DANDENONG SOUTH, VIC 3175 AUSTRALIA
011.1300 576 190 TEL • 011.61.39.562.7237 FAX • AU.EVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO CHINA, 21F CLOUD 9 PLAZA, NO 1118, SHANGHAI, 200052, CHINA
86.21.3211.4588 TEL • 86.21.3211.4580 FAX • CHINA.WATER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO INDIA, GREEN BOULEVARD, B-9/A, 7TH FLOOR - TOWER B SECTOR 62, NOIDA - 201301
91.120.419.9444 TEL • 91.120.419.9400 FAX • INDIACUSTOMER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO EUROPE, PENTAIR WATER BELGIUM BVBA, INDUSTRIEPARK WOLFSTEE, TOEKOMSTLAAN 30, B-2200 HERENTALS, BELGIUM
+32.(0).14.283.504 TEL • +32.(0).14.283.505 FAX • SALES@EVERPURE-EUROPE.COM EMAIL
EVERPURE-SHURFLO JAPAN INC., HASHIMOTO MN BLDG. 7F, 3-25-1 HASHIMOTO, MIDORI-KU, SAGAMIHARA-SHI KANAGAWA 252-0143, JAPAN
81.(0)42.775.3011 TEL • 81.(0)42.775.3015 FAX • INFO@EVERPURE.CO.JP EMAIL
EVERPURE-SHURFLO SOUTHEAST ASIA, 390 HAVELOCK ROAD, #04-01 KING’S CENTRE, SINGAPORE 169662
65.6768.5800 TEL • 65.6737.5149 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EV9108-27 FE17
Service Flow Rate
Maximum 3.34 gpm (12.6 Lpm)
Rated Capacity
12,000 gallons (45,400 L)
Pressure Requirements
30 - 125 psi (2.1 - 8.6 bar), non-shock
Temperature
40 - 100°F (4.4 - 38°C)
Overall Dimensions
20” L x 2.87” D (50.8 cm x 7.2 cm)
Electrical Connection
None required
The contaminants or other substances removed or reduced by this drinking
water system are not necessarily in your water. Do not use with water that is
microbiologically unsafe or of unknown quality without adequate disinfection before
or after the system.
SPECIFICATIONS
WARRANTY
Everpure water treatment systems by Pentair® (excluding replaceable elements) are
covered by a limited warranty against defects in material and workmanship for a period
of five years after date of purchase. Everpure replaceable elements (filter cartridges
and water treatment cartridges) are covered by a limited warranty against defects in
material and workmanship for a period of one year after date of purchase. See printed
warranty for details. Pentair will provide a copy of the warranty upon request.
EVERPURE® CG5-20S REPLACEMENT CARTRIDGE
EV9108-27
REPLACEMENT
ELEMENT
The CG5-20S is
Tested and Certified
by NSF International
against NSF/ANSI
42 in model CGS-20
for the reduction of
the claims specified
on the Performance
Data Sheet and at
www.nsf.org.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn