Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CG5-20S Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part No. CG5-20S
Description  DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PENTAIR [Pentair plc. All rights reserved.]
Homepage  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

CG5-20S Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  CG5-20S Datasheet HTML 1Page - Pentair plc. All rights reserved. CG5-20S Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOODSERVICE
EV9108-27 SPECIFICATION SHEET
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
Foodservice Applications Requiring
Scale Reduction
Drop-In Cartridge For Taste, Odor And
Sediment Reduction
Five (5)-micron carbon block improves the
taste of beverages such as fountain drinks
and coffee
Reduces dirt and fine particles from
drinking water
Effectively reduces unwanted tastes, odors
and chlorine
Helps keep equipment running at peak
efficiency and keeps maintenance
costs down
APPLICATIONS
FEATURES • BENEFITS
Install vertically so bowls hang down.
Allow 212” (6.35 cm) clearance below the
cartridge for easy cartridge replacement.
Make sure o-ring on bowl is
sufficiently lubricated.
Always screw on bowls by hand. Do not
use a housing wrench.
Change cartridges on a regular six (6)
month preventative maintenance program.
Change cartridges when capacity is reached
or when pressure decreases.
Always inspect o-ring. Change and/or
lubricate if necessary.
Always flush the filter cartridge at time of
installation and cartridge change.
Service Flow Rate: Maximum 3.34 gpm
(12.6 Lpm)
Capacity: 12,000 gallons (45,400 L)
INSTALLATION TIPS
OPERATION TIPS
SIZING
CG5-20S Replacement Cartridge: EV9108-27
EVERPURE® CG5-20S REPLACEMENT CARTRIDGE
High porosity design prevents the
cartridge from plugging before its
adsorption capacity is exhausted
Phosphate reduces water-related
equipment problems caused by scale
build-up from dirt and dissolved minerals
Drop-in design fits most 20" bowls


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn