Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD6817 Datasheet(PDF) 11 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD6817
Description  1.5MHz 2A Synchronous Step-Down Regulator Dropout
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD6817 Datasheet(HTML) 11 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD6817 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 11Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 12Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 13Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 14Page - TECHCODE SEMICONDUCTOR, INC. TD6817 Datasheet HTML 15Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
December, 20, 2009
America Techcode Semiconductor, Inc.
www.techcodesemi.c
om
11
Techcode®
1.5MHz 2A Synchronous Step-Down Regulator Dropout
TD6817
DATASHEET
Function Description(Cont.)
Low Supply Operation
The TD6817 will operate with input supply voltages as
low as 2.5V, but the maximum allowable output current is
reduced at this low voltage. Figure 2 shows the reduction
in the maximum output current as a function of input
voltage for various output voltages.
Slope Compensation and Inductor Peak
Current
Slope compensation provides stability in constant
frequency architectures by preventing subharmonic
oscillations at high duty cycles. It is accomplished
internally by adding a compensating ramp to the inductor
current signal at duty cycles in excess of 40%. Normally,
this results in a reduction of maximum inductor peak
current for duty cycles >40%. However, the TD6817 uses
a patent-pending scheme that counteracts this
compensating ramp, which allows the maximum inductor
peak current to remain unaffected throughout all duty
cycles.
Maximum Output Current vs Input Voltag
The basic TD6817 application circuit is shown in Figure
3. External component selection is driven by the load
requirement and begins with the selection of L followed
by CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1uH to 4.7uH. Its value is chosen based on
the desired ripple current. Large value inductors lower
ripple current and small value inductors result in higher
ripple currents. Higher VIN or VOUT also increases the
ripple current as shown in equation 1. A reasonable
starting point for setting ripple current is DIL = 800mA
(40% of 2000mA).
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 2200mA rated
inductor should be enough for most applications
(2000mA + 200mA). For better efficiency, choose a low
DC-resistance
inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
200mA. Lower inductor values (higher DIL) will cause
this to occur at lower load currents, which can cause a
dip in efficiency in the upper range of low current
operation. In Burst Mode operation, lower inductance
values will cause the burst frequency to increase.


Similar Part No. - TD6817

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
   1.5MHz 800mA Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
More results

Similar Description - TD6817

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3217 E-CMOS-EC3217 Datasheet
710Kb / 16P
   1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
   1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
   1.5MHz, 2A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
   1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
   1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
   1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
   1.5MHz, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com