Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD6814 Datasheet(PDF) 7 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD6814
Description  1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD6814 Datasheet(HTML) 7 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD6814 Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. TD6814 Datasheet HTML 11Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
 
 
 
 
  July,  02,  2011                             Techcode  Semiconductor  Limited                          www.techcodesemi.com 
Techcode®
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814
DATASHEET
Typical Operating Characteristics(Cont.) 
RDS(ON) vs Input Voltage
 
Efficiency vs Output Current
 
 
Efficiency vs Output Current
 
Efficiency vs Output Current
 


Similar Part No. - TD6814

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
   1.5MHz 800mA Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6817 TECHCODE-TD6817 Datasheet
1Mb / 17P
   1.5MHz 2A Synchronous Step-Down Regulator Dropout
More results

Similar Description - TD6814

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
   1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
   1.5MHz 800mA Synchronous Step-Down Regulator Dropout
TD6817 TECHCODE-TD6817 Datasheet
1Mb / 17P
   1.5MHz 2A Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3217 E-CMOS-EC3217 Datasheet
710Kb / 16P
   1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
   1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
   1.2A, 1.5MHz Synchronous Step-Down Converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
   1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com