Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS1.5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MS1.5
Description  SLOW BLOW MICRO FUSE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS1.5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS1.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS1.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
FaxFax: 201-432-9542
E-Mail: belfuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centr e
Marsh Lane,
Preston PR1 8U
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
MSC0600
MS - TIME CURRENT CHARACTERISTIC CURVE
Type MS
Slow Blow Micro Fuse
1000
0.1
1
10
100
0.1
10
100
0.01
1
1000


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
C1S Surface Mount Slow Blow Chip Fuse 1  2  Bel Fuse Inc.
3SB Slow Blow Fuse Series 1  2  Bel Fuse Inc.
GSA63 Slow Blow Fuse Series 1  2  Bel Fuse Inc.
SST375 Square Ceramic Surface Mount Slow Blow Fuse 1  2  Bel Fuse Inc.
8AG Fast Blow Fuse Series 1  2  Bel Fuse Inc.
5MT Medium Blow Fuse Series 1  2  Bel Fuse Inc.
5MF Fast Blow Fuse Series 1  2  Bel Fuse Inc.
MQ100 Quick Acting Micro Fuse 1  2  Bel Fuse Inc.
MRT80 Time Lag Radial Lead Micro Fuse Series 1  2  Bel Fuse Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn