Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11999 Datasheet(PDF) 31 Page - Pentair plc. All rights reserved.

Part # 11999
Description  A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

11999 Datasheet(HTML) 31 Page - Pentair plc. All rights reserved.

Back Button 11999 Datasheet HTML 27Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 28Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 29Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 30Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 31Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 32Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 33Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 34Page - Pentair plc. All rights reserved. 11999 Datasheet HTML 35Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
FLECK 2900S Service Manual • 31
2-INCH BRASS METER ASSEMBLY
Item No. QTY
Part No.
Description
1 ..............1 ...... 14456..............Body, Meter, 2-inch
....... 14456-20.........Body, Meter, 2-inch, BSP,
Metric
2 ..............1 ...... 15532..............Seat, Impeller Shaft, Hex
3 ..............1 ...... 15432..............Shaft
5 ..............1 ...... 15374..............Impeller Assy, 2-inch
Meter
6 ..............1 ...... 13847..............O-ring, -137, Std/560CD,
Meter
7A............1 ...... 14038..............Meter Cap Assembly, Std,
Plastic
7B............1 ...... 15150..............Meter Cap Assembly,
3/4-inch to 2-inch, Ext
Plastic, Pdl
8 ..............4 ...... 12112..............Screw, Hex Hd Mach,
10-24 x 1/2 18-8 Stainless
Steel
....... 15886..............Screw, Hex Hd, M5 x 12
SS, Metric
9 ..............1 ...... 14679..............O-ring, -227, Meter
10 ............1 ...... 14568..............Fitting, Nipple, 2-inch
....... 14568-10.........Fitting, Nipple, 2-inch BSP,
Brass
13
14
11 ............1 ...... 14680..............Flow Straightener
12 ............1 ...... 14569..............Nut, 2900 Meter
13 ..............................................Meter Assy, 2-inch
Inline, NPT, STD, Brass,
Paddlewheel
................................Meter Assy, 2-inch
Inline, BSP, STD, Brass,
Paddlewheel
14 ..............................................Meter Assy, 2-inch Inline,
NPT, EXT, Brass Paddlewheel
................................Meter Assy, 2-inch
Inline, BSP, EXT, Brass,
Paddlewheel
Not Shown
....... 61439..............Meter Sleeve w/O-rings, 1-1/2
inch
Item No. QTY
Part No.
Description


Similar Part No. - 11999

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1199929 PHOENIX-1199929 Datasheet
460Kb / 10P
   PCB header - PC 6/ 2-G-7,62 P26THRR56
Jul 20, 2022
1199930 PHOENIX-1199930 Datasheet
469Kb / 11P
   PCB header - PC 6/ 3-G-7,62 P26THRR56
Jul 20, 2022
1199931 PHOENIX-1199931 Datasheet
467Kb / 10P
   PCB header - PC 6/ 4-G-7,62 P26THRR56
Jul 20, 2022
More results

Similar Description - 11999

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
2510 PENTAIR-2510 Datasheet
3Mb / 36P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
3900 PENTAIR-3900 Datasheet
3Mb / 40P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
STMicroelectronics
AN4299 STMICROELECTRONICS-AN4299 Datasheet
677Kb / 20P
   Immunity of touch sensing systems to conducted RF voltage is required
logo
Panasonic Semiconductor
ECQV PANASONIC-ECQV Datasheet
245Kb / 9P
   Designed for application where high density insertion of components is required.
logo
Tyco Electronics
408-10058 MACOM-408-10058 Datasheet
210Kb / 3P
   This tooling is for use in Manual Arbor Frame Assemblies that are capable of 3000 pounds of crimp force.
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com