Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8385A-05CD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LX8385A-05CD
Description  3A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LX8385A-05CD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LX8385A-05CD Datasheet HTML 1Page - List of Unclassifed Manufacturers LX8385A-05CD Datasheet HTML 2Page - List of Unclassifed Manufacturers LX8385A-05CD Datasheet HTML 3Page - List of Unclassifed Manufacturers LX8385A-05CD Datasheet HTML 4Page - List of Unclassifed Manufacturers LX8385A-05CD Datasheet HTML 5Page - List of Unclassifed Manufacturers LX8385A-05CD Datasheet HTML 6Page - List of Unclassifed Manufacturers LX8385A-05CD Datasheet HTML 7Page - List of Unclassifed Manufacturers LX8385A-05CD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8385-xx/8385A-xx/8385B-xx
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 2.0a 10/00
P RODUCTION D AT A S HEET
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for the LX8385-xxC/85A/85B-xxC with 0°C
≤ T
A
125°C and the LX8385-xxI with -25°C
≤ T
A ≤ 125°C; VIN - VOUT = 3V; IOUT = 3A.
Low duty cycle pulse testing techniques are used which maintains
junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX8385/85A/85B-00
Min.
Typ.
Max.
Reference Voltage
LX8385-00
V
REF
I
OUT = 10mA,
T
A = 25°C
(Note 4)
10mA
≤ I
OUT ≤ IOUT (MAX), 1.5V ≤ (VIN - VOUT), VIN ≤ 10V, P ≤ PMAX
LX8385A/85B-00
I
OUT = 10mA,
T
A = 25°C
10mA
≤ I
OUT ≤ IOUT (MAX), 1.5V ≤ (VIN - VOUT), VIN ≤ 10V, P ≤ PMAX
Line Regulation (Note 2)
∆V
REF (VIN)
1.5V
≤ (V
IN - V OUT) ≤
7V, I
OUT = 10mA
Load Regulation (Note 2)
∆V
REF (IOUT)
V
IN - V OUT = 3V, 10mA ≤ IOUT ≤ 3A
Thermal Regulation
∆V
OUT (Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
V
OUT =
5V, f =120Hz, C
OUT = 100µf
Tantalum, V
IN = 6.5V
C
ADJ = 10µF, I OUT = 3A
Adjust Pin Current
I
ADJ
Adjust Pin Current Change (Note 4)
∆ I
ADJ
10mA
≤ I
OUT ≤ IOUT (MAX) , 1.5V ≤ (VIN - VOUT), VIN ≤ 10V
Dropout Voltage
LX8385-00
∆ V
∆V
REF = 1%, IOUT = 3A
LX8385A/85B-00
∆V
REF = 1%, IOUT = 3A
Minimum Load Current
I
OUT (MIN)
V
IN ≤ 10V
Maximum Output Current
I
OUT (MAX)
(V
IN - VOUT) ≤ 7V, VIN ≤ 10V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
1.238
1.250
1.262
V
1.225
1.250
1.270
V
1.240
1.250
1.260
V
1.238
1.250
1.262
V
0.015
0.2
%
0.2
0.5
%
0.01
0.04
%/W
65
83
dB
55
100
µA
0.2
5
µA
1.2
1.5
V
1.1
1.3
V
210
mA
3
3.5
A
0.25
%
0.3
1
%
0.003
%
Parameter
Symbol
Test Conditions
Units
LX8385/85A/85B-33
Min.
Typ.
Max.
Output Voltage
LX8385-33
V
OUT
V
IN = 5V, IOUT = 0mA, TA = 25°C
(Note 4)
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 3A, P ≤ PMAX
LX8385A/85B-33
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 3A, P ≤ PMAX
Line Regulation (Note 2)
∆V
OUT
4.75V
≤ V
IN ≤ 7V
(V
IN )
4.75V
≤ V
IN ≤ 10V
Load Regulation (Note 2)
∆V
OUT (IOUT)
V
IN = 5V, 0mA ≤ IOUT ≤ IOUT (MAX)
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
C
OUT = 100µF (Tantalum), IOUT = 3A
Quiescent Current
I
Q
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Dropout Voltage
LX8385-33
∆V
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
LX8385A/85B-33
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
Maximum Output Current
I
OUT (MAX)
V
IN ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
3.267
3.3
3.333
V
3.235
3.3
3.365
V
3.274
3.3
3.326
V
3.267
3.3
3.333
V
16
mV
210
mV
515
mV
0.01
0.02
% / W
60
83
dB
410
mA
1.2
1.5
V
1.1
1.3
V
3
3.5
A
0.25
%
0.3
1
%
0.003
%
Note 2. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 3. These parameters, although guaranteed, are not tested in production.
Note 4. See Maximum Output Current Section above.
LX8385-00/85A/85B-00 (Adjustable)
LX8385-33/85A-33/85B-33 (3.3V Fixed)


Similar Part No. - LX8385A-05CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385A-05CD MICROSEMI-LX8385A-05CD Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8385A-05CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com