Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1484A Datasheet(PDF) 11 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1484A
Description  3.2A 23V Synchronous Rectified Step-Down Converte
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1484A Datasheet(HTML) 11 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD1484A Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 11Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 12Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 13Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 14Page - TECHCODE SEMICONDUCTOR, INC. TD1484A Datasheet HTML 15Page - TECHCODE SEMICONDUCTOR, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
October, 20, 2010.
America Techcode Semiconductor, INC.
www.techcodesemi.com
11
Techcode®
3.2A 23V Synchronous Rectified Step-Down Converte
TD1484A
DATASHEET
Function Description
Component Selection
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin.The voltage
divider divides the output voltage down to the
feedback voltage by the ratio:
Where VFB is the feedback voltage and VOUT is the
output voltage.Thus the output voltage is:
R2 can be as high
as 100kΩ, but a typical value is
10kΩ. Using the typical value for R2, R1 is determined
by:
For example, for a 3.3V output voltage, R2 is
10kΩ,
and R1 is 26.1kΩ.
Inductor
The inductor is required to supply constant current to
the output load while being driven by the switched
input voltage. A larger value inductor will result in less
ripple current that will result in lower output ripple
voltage. However,the larger value inductor will have a
larger physical size, higher series resistance, and/or
lower saturation current. A good rule for determining
the inductance to use is to allow the peak-to-peak
ripple current in the inductor to be approximately 30%
of the maximum switch current limit. Also, make sure
that the peak inductor current is below the maximum
switch current limit. The inductance value can be
calculated by:
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and
ΔIL is the
peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under the
maximum inductor peak current. The peak inductor
current can be calculated by:
Where ILOAD is the load current.
The choice of which style inductor to use mainly
depends on the price vs. size requirements and any
EMI requirements.
Optional Schottky Diode
During the transition between high-side switch and
low-side switch, the body diode of the lowside power
MOSFET conducts the inductor current. The forward
voltage of this body diode is high. An optional Schottky
diode may be paralleled between the SW pin and
GND pin to improve overall efficiency. Table 1 lists
example Schottky diodes and their Manufacturers.
Part Number
Voltage/Current
Vendor
B130
30V, 1A
Diodes, Inc.
SK13
30V, 1A
Diodes, Inc.
MBRS130
30V, 1A
International Rectifier
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low ESR
capacitors for the best performance. Ceramic
capacitors are preferred, but tantalum or low-ESR
electrolytic capacitors may also suffice. Choose X5R
or X7R dielectrics when using ceramic capacitors.


Similar Part No. - TD1484A

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
   3A 23V Synchronous Rectified Step-Down Converter
More results

Similar Description - TD1484A

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1483A TECHCODE-TD1483A Datasheet
1,019Kb / 15P
   2.2A 23V Synchronous Rectified Step-Down Converte
TD1529 TECHCODE-TD1529 Datasheet
792Kb / 14P
   1.6A 32V Synchronous Rectified Step-Down Converte
TD1482A TECHCODE-TD1482A Datasheet
965Kb / 15P
   2A 20V Synchronous Rectified Step-Down Converte
logo
Monolithic Power System...
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
logo
Analog Microelectronics
AME5268 AME-AME5268 Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
   2A, 23V, Synchronous-Rectified Step-Down Converter
logo
Monolithic Power System...
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
   2A, 23V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
   3A 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com