Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M602 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. M602
Description  DOOR BELL DUAL TONE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

M602 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DOOR BELL
DUAL TONE
双音门铃 1/2 声 IC
1/1
2004-03-05
SOUND EFFECT
M60/M602
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能叙述
功能叙述
功能叙述
功能叙述
• TG : OSH.
• DING : 780 Hz±30%.
• DONG : 625 Hz±30%.
APPLICATION 产品应用
产品应用
产品应用
产品应用
• Doorbell, Musical instrument, Toys.
ELECTRICAL CHARACTERISTICS 电气规格
电气规格
电气规格
电气规格
( @VDD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作电压 Operating Voltage
VDD
3
4.5
V
工作电流 Operating Current
IOP
0.1
0.5
mA
No load
静态电流 Quiescent Current
ISB
1
5
μA
推动电流 OUT Driving Current
IO
1
mA
@ VDS=1V
振荡频率 Oscillator Frequency
FOSC
50
KHz
External±30% Rosc=680KΩ
工作温度 Operating Temperature
Temp.
0
25
60
APPLICATION DIAGRAM 参考电路图
参考电路图
参考电路图
参考电路图
*All specs and applications shown above subject to change without prior notice.
( 以上电路及规格仅供参考,本公司得径行修正 )
P/N
OPT
TIME
M60
VSS
1 声
M602
X
2 声
M60/M602
1.27 x 1.0 mm
2
底=VDD
OUT
VSS
Y
VDD
TG
E1
E2
OPT
X
VDD
220K
E1
3.3μ
μ
μ
μ
330K
E2
4.7μ
μ
μ
μ
VSS
TG
X
Y
OUT
VDD
Rosc
M60/M602P
1
8
4
5


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M1D-95DUAL TONE WIRELESS DOOR BELL 1 2 3 List of Unclassifed Manufacturers
M3D-953 STATE DUAL TONES WIRELESS DOOR BELL 1 2 List of Unclassifed Manufacturers
SNC312Direct Drive Voice/Dual Tone Melody Controller 1 2 3 4 5 MoreSONiX Technology Company
HK537DING-DONG SOIND WITH DUAL TONE 1 2 List of Unclassifed Manufacturers
SNC313Direct Drive Voice/Dual Tone Melody Controller  1 2 3 4 5 MoreSONiX Technology Company
SNC322Direct Drive Voice/Dual Tone Melody Controller  1 2 3 4 5 MoreSONiX Technology Company
SNC323Direct Drive Voice/Dual Tone Melody Controller  1 2 3 4 5 MoreSONiX Technology Company
SAB0600THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME 1 2 3 4 5 MoreSiemens Semiconductor Group
SNC332Direct Drive Voice/Dual Tone Melody Controller  1 2 3 4 5 MoreSONiX Technology Company
SD995DUAL TONE MELODY GENERATOR 1 2 3 4 5 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn