Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DDU7C-25MC3 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part No. DDU7C-25MC3
Description  10-TAP, TTL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

DDU7C-25MC3 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DDU7C
Doc #97019
DATA DELAY DEVICES, INC.
4
1/30/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
± 3oC
Load:
1 FAST-TTL Gate
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 5.0V
± 0.1V
Threshold:
2.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
5.0 ns Max. (measured
between 0.5V and 4.5V )
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 10 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
T1
OUT
TRIG
IN
REF
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
TIME INTERVAL
COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN
T2
T3
T4
T5
T6
T7
T8
T9
T10
0.5V
0.5V
Timing Diagram For Testing
TRISE
TFALL
PERIN
PWIN
TRISE
TFALL
2.5V
2.5V
4.5V
4.5V
2.5V
2.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DDU224F10-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DDU7F10-TAP TTL-INTERFACED FIXED DELAY LINE SERIES DDU7F 1 2 3 4 Data Delay Devices, Inc.
SMD99F5-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DDU66F5-TAP TTL-INTERFACED FIXED DELAY LINE SERIES DDU66F 1 2 3 4 Data Delay Devices, Inc.
3D7010MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1 2 3 4 Data Delay Devices, Inc.
DDU8F5-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DDU222F5-TAP TTL-INTERFACED FIXED DELAY LINE SERIES DDU222F 1 2 3 4 Data Delay Devices, Inc.
3D3220MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D3220 1 2 3 4 Data Delay Devices, Inc.
3D7110MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7110 1 2 3 4 5 Data Delay Devices, Inc.
3D7220MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7220 1 2 3 4 Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn