Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA17 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLA17
Description  10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CLA17 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLA17 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLA17 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
LA17 / SMLA17
10 TO 1000 MHz
TO-8 CASCADABLE LIMITING AMPLIFIER
• SYMMETRICAL CLIPPING:
GOOD EVEN-ORDER SUPPRESSION
• MEDIUM OUTPUT LEVEL: +10 dBm (TYP.)
HIGH THIRD-ORDER INTERCEPT POINT: +28 dBm (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC
Specifications (Rev. Date: 3/02)*
Guaranteed
Characteristic
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
5-1100 MHz
10-1000 MHz
10-1000 MHz
Small Signal Gain (min.)
11.5 dB
10.5 dB
9.5 dB
Gain Flatness (max.)
±0.3 dB
±0.5 dB
±0.7 dB
Noise Figure (max.)
5.8 dB
6.7 dB
7.2 dB
Power Output @ 1 dB comp. (min.)
+10.0 dBm
+7.0 dBm
+5.0 dBm
Output Limiting Level (max.)
@ Pin = +20 dBm
+15.0 dBm
+16.0 dBm
+17.0 dBm
IP3
+28 dBm
VSWR Input / Output (max.)
< 1.7:1 / < 1.7:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max.)
55 mA
57 mA
59 mA
*Measured in a 50-ohm system at +15 Vdc Nominal. IP3 in the linear region range only.
Absolute Maximum Ratings
Storage Temperature
-62 to +125
°C
Maximum Case Temperature
125
°C
Maximum DC Voltage
+17 Volts
Maximum Continuous RF Input Power
+23 dBm
Maximum Short Term RF Input Power (1 minute max.)
400 mW
Maximum Peak Power (3
µsec max.)
1 W
“S” Series Burn-in Temperature (Case)
125
°C
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θjc
45
°C/W
Transistor Power Dissipation Pd
0.448 W
Junction Temperature Rise Above Case Tjc
20.2
°C
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
BG
AA
CE
Model
LA17
SMLA17
CLA17
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or information.


Similar Part No. - CLA17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CLA17 MACOM-CLA17 Datasheet
436Kb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
CLA17 MA-COM-CLA17 Datasheet
1Mb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
IXYS Corporation
CLA174-ND IXYS-CLA174-ND Datasheet
136Kb / 7P
   Dual Single-Pole, Normally Closed OptoMOS Relay
More results

Similar Description - CLA17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1051 ETC-AP1051 Datasheet
110Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AP1051 TELEDYNE-AP1051 Datasheet
160Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC1019 ETC-AC1019 Datasheet
111Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1053 ETC1-AP1053 Datasheet
114Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AP1060 TELEDYNE-AP1060 Datasheet
177Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1053 TELEDYNE-AP1053 Datasheet
167Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1017 TELEDYNE-AC1017 Datasheet
176Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1059 TELEDYNE-AP1059 Datasheet
129Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
LA1017 TELEDYNE-LA1017 Datasheet
170Kb / 2P
   10 TO 1000 MHz TO-LA1017 8 LIMITING AMPLIFIER
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com