Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU7C-100A3 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU7C-100A3
Description  10-TAP, TTL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU7C-100A3 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU7C-100A3 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU7C-100A3 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU7C-100A3 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU7C-100A3 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDU7C
Doc #97019
DATA DELAY DEVICES, INC.
1
1/30/97
3 Mt. Prospect Ave. Clifton, NJ 07013
10-TAP, TTL-INTERFACED
FIXED DELAY LINE
(SERIES DDU7C)
FEATURES
PACKAGES
Ten equally spaced outputs
Fits standard 16-pin DIP socket
Low profile
Auto-insertable
Input & outputs fully CMOS interfaced & buffered
10 T
2L fan-out capability
FUNCTIONAL DESCRIPTION
The DDU7C-series device is a 10-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T10), shifted in time by an
amount determined by the device dash number. The nominal tap-to-tap
delay increment is given by 1/10 of the dash number. For dash numbers
less than 50, the total delay of the line is measured from T1 to T10, with the
nominal value given by 9 times the increment. The inherent delay from IN to T1 is nominally 8.0ns. For
dash numbers greater than or equal to 50, the total delay of the line is measured from IN to T10, with the
nominal value given by the dash number.
SERIES SPECIFICATIONS
Minimum input pulse width: 20% of total delay
Output rise time: 8ns typical
Supply voltage:
5VDC
± 5%
Supply current:
ICCL = 40
µa typical
ICCH = 10ma typical
Operating temperature: 0
° to 70° C
Temp. coefficient of total delay: 300 PPM/
°C
10%
10%
10%
10%
VCC
GND
IN
T1
T2
T3
T4
T10
Functional diagram for dash numbers < 50
3.5ns
10%
10%
10%
10%
T5
T6
T7
T8
10%
T9
10%
10%
10%
10%
VCC
GND
IN
T1
T2
T3
T4
T10
Functional diagram for dash numbers >= 50
10%
10%
10%
10%
T5
T6
T7
T8
10%
T9
10%
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN
T2
T4
T6
T8
T10
N/C
GND
VDD
T1
T3
T5
T7
T9
N/C
N/C
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
T2
T4
T6
T8
GND
VDD
T1
T3
T5
T7
T9
T10
DDU7C-xx
DIP
DDU7C-xxA3
Gull-Wing
DDU7C-xxB3
J-Lead
DDU7F-xxMC3
Military SMD
Military DIP
DDU7C-xxM
PIN DESCRIPTIONS
IN
Signal Input
T1-T10 Tap Outputs
VDD
+5 Volts
GND
Ground
DASH NUMBER SPEC.’S
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
DDU7C-25
22.5
± 2.0 *
2.5
± 1.0
DDU7C-100
100
± 5.0
10.0
± 2.0
DDU7C-150
150
± 7.5
15.0
± 2.0
DDU7C-200
200
± 10.0
20.0
± 2.0
DDU7C-250
250
± 12.5
25.0
± 2.0
DDU7C-300
300
± 15.0
30.0
± 3.0
DDU7C-400
400
± 20.0
40.0
± 4.0
DDU7C-500
500
± 25.0
50.0
± 5.0
* Total delay is referenced to first tap
Input to first tap = 8.0ns
±± 2ns
NOTE: Any dash number between 25 and
500 not shown is also available.


Similar Part No. - DDU7C-100A3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDU7C-XXX ETC1-DDU7C-XXX Datasheet
93Kb / 1P
   10 Taps (14 pins DIP) T2L Interfaced
More results

Similar Description - DDU7C-100A3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU7F DATADELAY-DDU7F Datasheet
46Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com