Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78M612B Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78M612B
Description  Universal Serial Bus Microcontroller Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78M612B Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78M612B Datasheet HTML 4Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 5Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 6Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 7Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 8Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 9Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 10Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 11Page - ELAN Microelectronics Corp EM78M612B Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
EM78M612
Universal Serial Bus Microcontroller Series
This specification may change without further notice.
2004/4/28 V1.1
8
8.1 Program Memory
The program space of the EM78M612 is 2K bytes, and is divided into two pages. Each page
is 1K bytes long. After Reset, the 11-bit Program Counter (PC) points to location zero of the
program space.
It has two interrupt vectors, i.e., Interrupt Vectors at 0x0001 and USB Application Interrupt
Vectors at 0x000A. The Interrupt Vector applies to TCC Interrupt, High Pattern Detecting
Interrupt, Low Pattern Detecting Interrupt, and Port 5 State Changed Interrupt. The USB
Application Interrupt Vector is for USB EndPoint Zero Interrupt, USB Suspend Interrupt, USB
Reset interrupt ,and USB Host Resume Interrupt.
After an interrupt, the MCU will fetch the next instruction from the corresponding address as
illustrated in the following diagram.
After reset
Address
0x0000
Reset Vector
0x0001
Interrupt Vector
0x000A
USB Application Interrupt Vector
0x03FF
Page 0
0x0400
0x07FF
Page 1
PC
8.2 Data Memory
The Data Memory has 112 bytes SRAM space. It is also equipped with USB Application
FIFO space for USB Application. The Figure 8.1 (next page) shows the organization of the
Data Memory Space.


Similar Part No. - EM78M612B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611 EMC-EM78M611 Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
More results

Similar Description - EM78M612B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com