Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP7102 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP7102
Description  28V, 2A Buck Constant Current Switching Regulator for White LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7102 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP7102 Datasheet HTML 4Page - Feeling Technology Corp. FP7102 Datasheet HTML 5Page - Feeling Technology Corp. FP7102 Datasheet HTML 6Page - Feeling Technology Corp. FP7102 Datasheet HTML 7Page - Feeling Technology Corp. FP7102 Datasheet HTML 8Page - Feeling Technology Corp. FP7102 Datasheet HTML 9Page - Feeling Technology Corp. FP7102 Datasheet HTML 10Page - Feeling Technology Corp. FP7102 Datasheet HTML 11Page - Feeling Technology Corp. FP7102 Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FP7102
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.93
10/12
Typical Application
FP7102 1W / 3W LED for DC Input Circuit
Dimming Control Circuit
Changing the duty cycle of PWM signal can get different LED current. The PWM signal is
recommended above 10kHz. The application circuit is shown in the following.
The LED current can be calculated by the following equation:
2
R
5
R
3
R
)
V
Duty
V
(
4
R
V
I
FB
PWM
FB
LED


Similar Part No. - FP7102

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7102 APITECH-FP7102 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP7102

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Texas Instruments
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Current Buck Regulator
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
   28V 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com