Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6298 Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FP6298
Description  Low-Noise 4.5A Step-Up Current Mode PWM Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6298 Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FP6298 Datasheet HTML 1Page - Feeling Technology Corp. FP6298 Datasheet HTML 2Page - Feeling Technology Corp. FP6298 Datasheet HTML 3Page - Feeling Technology Corp. FP6298 Datasheet HTML 4Page - Feeling Technology Corp. FP6298 Datasheet HTML 5Page - Feeling Technology Corp. FP6298 Datasheet HTML 6Page - Feeling Technology Corp. FP6298 Datasheet HTML 7Page - Feeling Technology Corp. FP6298 Datasheet HTML 8Page - Feeling Technology Corp. FP6298 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FP6298
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
5/10
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VIN
2.6
5.5
V
Operating Temperature Range
TA
Ambient Temperature
-40
+85
°C
DC Electrical Characteristics (VCC=3.3V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
System Supply Input
Input Supply Range
VCC
2.6
5.5
V
Under Voltage Lockout
VUVLO
2.2
V
UVLO Hysteresis
0.1
V
Quiescent Current
ICC
VFB=0.66V, No switching
0.2
mA
Average Supply Current
ICC
VFB=0.55V, Switching
6.5
mA
Shutdown Supply Current
ICC
VEN=GND
0.1
µA
Oscillator
Operation Frequency
FOSC
400
500
600
KHZ
Frequency Change with Voltage
f
/
V
VCC=2.6V to 5.5V
5
%
Maximum Duty Cycle
TDUTY
90
%
Reference Voltage
Reference Voltage
VREF
0.588
0.6
0.612
V
Line Regulation
VCC=2.6V
~5.5V
0.2
% / V
Enable Control
Enable Voltage
VEN
0.96
V
Shutdown Voltage
VEN
0.6
V
MOSFET
On Resistance of Driver
RDS (ON) ILX=2A
0.08
Ω
Protection
OCP Current
IOCP
4.5
A
Adjustable OCP Current
IOCP
With External Resistor:
26k~500k
0.5
4.5
A
OTP Temperature
TOTP
+150
°C


Similar Part No. - FP6298

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290HdR-G1 FEELING-FP6290HdR-G1 Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290HXR-G1 FEELING-FP6290HXR-G1 Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290TR-LF FEELING-FP6290TR-LF Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
More results

Similar Description - FP6298

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7545 AITSEMI-A7545 Datasheet
448Kb / 8P
   DC-DC CONVERTER/BOOST (STEP-UP) LOW-NOISE 4.5A STEP-UP CURRENT MODE PWM CONVERTER
REV1.0
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
logo
Shenzhen Huazhimei Semi...
HM6293B HMSEMI-HM6293B Datasheet
689Kb / 6P
   Low noise 4.5A boost current mode PWM converter
logo
Feeling Technology Corp...
FP6292 FEELING-FP6292 Datasheet
524Kb / 13P
   Low-Noise Step-Up Current Mode PWM IC
logo
Aimtron Technology
AT1780 AIMTRON-AT1780 Datasheet
332Kb / 9P
   640kHz/1.2MHz,Low-Noise Step-Up Current-Mode PWM Controller
logo
Seaward Electronics Inc...
SE3508 SEAWARD-SE3508 Datasheet
537Kb / 7P
   1MHz, 5A Step-up Current Mode PWM Converter
logo
Feeling Technology Corp...
FP6293 FEELING-FP6293 Datasheet
659Kb / 13P
   1MHz, 3.5A Step-Up Current Mode PWM Converter
logo
SHOUDING Shouding Semic...
SX1301 SHOUDING-SX1301 Datasheet
2Mb / 8P
   1MHz 2A Step-Up Current Mode PWM Converter
SD6372 SHOUDING-SD6372 Datasheet
1Mb / 9P
   1MHz, 2A Step-Up Current Mode PWM Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com